Electronic Components Datasheet Search
  English  ▼

X  

AD7991 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7991
Description  4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7991 Datasheet(HTML) 1 Page - Analog Devices

  AD7991 Datasheet HTML 1Page - Analog Devices AD7991 Datasheet HTML 2Page - Analog Devices AD7991 Datasheet HTML 3Page - Analog Devices AD7991 Datasheet HTML 4Page - Analog Devices AD7991 Datasheet HTML 5Page - Analog Devices AD7991 Datasheet HTML 6Page - Analog Devices AD7991 Datasheet HTML 7Page - Analog Devices AD7991 Datasheet HTML 8Page - Analog Devices AD7991 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
4-Channel, 12-/10-/8-Bit ADC with
I2C-Compatible Interface in 8-Lead SOT-23
AD7991/AD7995/AD7999
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2009 Analog Devices, Inc. All rights reserved.
FEATURES
12-/10-/8-bit ADCs with fast conversion time: 1 μs typical
4 analog input channels/3 analog input channels with
reference input
Specified for VDD of 2.7 V to 5.5 V
Sequencer operation
Temperature range: −40°C to +125°C
I2C-compatible serial interface supports standard, fast,
and high speed modes
2 versions allow 2 I2C addresses
Low power consumption
Shutdown mode: 1 μA maximum
8-lead SOT-23 package
APPLICATIONS
System monitoring
Battery-powered systems
Data acquisition
Medical instruments
FUNCTIONAL BLOCK DIAGRAM
I/P
MUX
SCL
SDA
GND
AD7991/AD7995/AD7999
12-/10-/8-BIT
SAR
ADC
CONTROL
LOGIC AND
I2C
INTERFACE
VIN0
VDD
VIN1
VIN2
VIN3/VREF
T/H
Figure 1.
GENERAL DESCRIPTION
The AD7991/AD7995/AD7999 are 12-/10-/8-bit, low power,
successive approximation ADCs with an I2C®-compatible interface.
Each part operates from a single 2.7 V to 5.5 V power supply and
features a 1 μs conversion time. The track-and-hold amplifier
allows each part to handle input frequencies of up to 14 MHz,
and a multiplexer allows taking samples from four channels.
Each AD7991/AD7995/AD7999 provides a 2-wire serial
interface compatible with I2C interfaces. The AD7991 and
AD7995 come in two versions and each version has an
individual I2C address. This allows two of the same devices to be
connected to the same I2C bus. Both versions support standard,
fast, and high speed I2C interface modes. The AD7999 comes in
one version.
The AD7991/AD7995/AD7999 normally remain in a shutdown
state, powering up only for conversions. The conversion process
is controlled by a command mode, during which each I2C read
operation initiates a conversion and returns the result over the
I2C bus.
When four channels are used as analog inputs, the reference for
the part is taken from VDD; this allows the widest dynamic input
range to the ADC. Therefore, the analog input range to the
ADC is 0 V to VDD. An external reference, applied through the
VIN3/VREF input, can also be used with this part.
PRODUCT HIGHLIGHTS
1.
Four single-ended analog input channels, or three single-
ended analog input channels and one reference input channel.
2.
I2C-compatible serial interface. Standard, fast, and high
speed modes.
3.
Automatic shutdown.
4.
Reference derived from the power supply or external
reference.
5.
8-lead SOT-23 package.
Table 1. Related Devices
Device
Resolution
Input Channels
AD7998
12
8
AD7997
10
8
AD7994
12
4
AD7993
10
4
AD7992
12
2


Similar Part No. - AD7991

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7991 AD-AD7991 Datasheet
264Kb / 25P
4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Revision 0
AD7991 AD-AD7991 Datasheet
792Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
12/07-Revision 0
AD7991BRJZ-0 AD-AD7991BRJZ-0 Datasheet
264Kb / 25P
4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Revision 0
AD7991BRJZ-1 AD-AD7991BRJZ-1 Datasheet
264Kb / 25P
4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Revision 0
AD7991YRJZ-0 AD-AD7991YRJZ-0 Datasheet
264Kb / 25P
4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Revision 0
More results

Similar Description - AD7991

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7992 AD-AD7992 Datasheet
266Kb / 21P
2-Channel, 12-Bit ADC with I2C Compatible Interface in 10-Lead MSOP
AD7991 AD-AD7991 Datasheet
264Kb / 25P
4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
Revision 0
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
12/07-Revision 0
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
8-Channel, 12-Bit SAR ADC with I2C Interface
logo
Analog Devices
AD7991 AD-AD7991_15 Datasheet
607Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7995 AD-AD7995_15 Datasheet
607Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7999 AD-AD7999_15 Datasheet
607Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
EVAL-AD7997 AD-EVAL-AD7997_15 Datasheet
605Kb / 12P
Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
Rev. 0
EVAL-AD7998 AD-EVAL-AD7998_15 Datasheet
605Kb / 12P
Evaluation Board for the 8-Channel, 10-/12-Bit ADC with I2C-Compatible Interface
Rev. 0
AD7992 AD-AD7992_17 Datasheet
696Kb / 29P
2-Channel, 12-Bit ADC with I2C-Compatible Interface in 10-Lead MSOP
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com