Electronic Components Datasheet Search
  English  ▼

X  

AD7991 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7991
Description  4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7991 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7991 Datasheet HTML 9Page - Analog Devices AD7991 Datasheet HTML 10Page - Analog Devices AD7991 Datasheet HTML 11Page - Analog Devices AD7991 Datasheet HTML 12Page - Analog Devices AD7991 Datasheet HTML 13Page - Analog Devices AD7991 Datasheet HTML 14Page - Analog Devices AD7991 Datasheet HTML 15Page - Analog Devices AD7991 Datasheet HTML 16Page - Analog Devices AD7991 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD7991/AD7995/AD7999
Rev. A | Page 13 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
0
500
1000
1500
2000
2500
3000
3500
4000
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
VDD = 2.7V
VREF = 2.35V
fSCL = 1.7MHz
Figure 4. DNL Error, VDD = 2.7 V, VREF = 2.35 V, fSCL = 1.7 MHz
Without Clock Stretching
CODE
0
500
1000
1500
2000
2500
3000
3500
4000
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
VDD = 2.7V
VREF = 2.35V
fSCL = 1.7MHz
Figure 5. INL Error, VDD = 2.7 V, VREF = 2.35 V, fSCL = 1.7 MHz
Without Clock Stretching
12.0
8.0
06
REFERENCE VOLTAGE (V)
11.5
11.0
10.5
10.0
9.5
9.0
8.5
123
45
60
62
64
66
68
70
72
74
ENOB VDD = 3V
ENOB VDD = 5V
SINAD VDD = 5V
SINAD VDD = 3V
Figure 6. ENOB/SINAD vs. Reference Voltage, fSCL = 1.7 MHz
Without Clock Stretching
1.0
–1.0
1.2
REFERENCE VOLTAGE (V)
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
1.7
2.2
2.7
3.2
3.7
4.2
4.7
NEGATIVE INL
POSITIVE INL
Figure 7. INL Error vs. Reference Voltage , fSCL = 1.7 MHz
Without Clock Stretching
1.0
–1.0
1.2
REFERENCE VOLTAGE (V)
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
1.7
2.2
2.7
3.2
3.7
4.2
4.7
NEGATIVE DNL
POSITIVE DNL
Figure 8. DNL Error vs. Reference Voltage, fSCL = 1.7 MHz
Without Clock Stretching
CODE
0
500
1000
1500
2000
2500
3000
3500
4000
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
VDD = 5V
VREF = 2.5V
fSCL = 1.7MHz
Figure 9. INL Error, VDD = 5 V, VREF = 2.5 V, fSCL = 1.7 MHz
Without Clock Stretching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com