Electronic Components Datasheet Search
  English  ▼

X  

ADE5169 Datasheet(PDF) 47 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 43Page - Analog Devices ADE5169 Datasheet HTML 44Page - Analog Devices ADE5169 Datasheet HTML 45Page - Analog Devices ADE5169 Datasheet HTML 46Page - Analog Devices ADE5169 Datasheet HTML 47Page - Analog Devices ADE5169 Datasheet HTML 48Page - Analog Devices ADE5169 Datasheet HTML 49Page - Analog Devices ADE5169 Datasheet HTML 50Page - Analog Devices ADE5169 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 156 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Rev. B | Page 47 of 156
ANALOG-TO-DIGITAL CONVERSION
Each ADE5166/ADE5169/ADE5566/ADE5569 has two Σ-Δ
analog-to-digital converters (ADCs). The outputs of these ADCs
are mapped directly to waveform sampling SFRs (Address 0xE2
to Address 0xE7) and are used for energy measurement internal
digital signal processing. In PSM1 (battery) mode and PSM2
(sleep) mode, the ADCs are powered down to minimize power
consumption.
For simplicity, the block diagram in Figure 44 shows a first-order
Σ-Δ ADC. The converter is made up of the Σ-Δ modulator and
the digital low-pass filter (LPF).
A Σ-Δ modulator converts the input signal into a continuous
serial stream of 1s and 0s at a rate determined by the sampling
clock. In the ADE5166/ADE5169/ADE5566/ADE5569, the sam-
pling clock is equal to 4.096 MHz/5. The 1-bit DAC in the feedback
loop is driven by the serial data stream. The DAC output is
subtracted from the input signal. If the loop gain is high enough,
the average value of the DAC output (and, therefore, the bit stream)
can approach that of the input signal level.
For any given input value in a single sampling interval, the data
from the 1-bit ADC is virtually meaningless. Only when a large
number of samples is averaged is a meaningful result obtained.
This averaging is carried into the second part of the ADC, the
digital LPF. By averaging a large number of bits from the modu-
lator, the low-pass filter can produce 24-bit data-words that are
proportional to the input signal level.
The Σ-Δ converter uses two techniques to achieve high resolution
from what is essentially a 1-bit conversion technique. The first
is oversampling. Oversampling means that the signal is sampled
at a rate (frequency) that is many times higher than the bandwidth
of interest. For example, the sampling rate in the ADE5166/
ADE5169/ADE5566/ADE5569 is 4.096 MHz/5 (819.2 kHz);
and the band of interest is 40 Hz to 2 kHz. Oversampling has
the effect of spreading the quantization noise (noise due to
sampling) over a wider bandwidth. With the noise spread more
thinly over a wider bandwidth, the quantization noise in the band
of interest is lowered (see Figure 43).
409.6
08
2
19.2
NOISE
SIGNAL
DIGITAL
FILTER
ANTIALIASING
FILTER (RC)
SAMPLING
FREQUENCY
HIGH RESOLUTION
OUTPUT FROM DIGITAL
LPF
SHAPED
NOISE
409.6
08
2
19.2
NOISE
SIGNAL
FREQUENCY (kHz)
FREQUENCY (kHz)
Figure 43. Noise Reduction Due to Oversampling and
Noise Shaping in the Analog Modulator
However, oversampling alone is not efficient enough to improve
the signal-to-noise ratio (SNR) in the band of interest. For example,
an oversampling ratio of 4 is required to increase the SNR by only
6 dB (one bit). To keep the oversampling ratio at a reasonable level,
it is possible to shape the quantization noise so that the majority
of the noise lies at the higher frequencies. In the Σ-Δ modulator,
the noise is shaped by the integrator, which has a high-pass type of
response for the quantization noise. The result is that most of
the noise is at the higher frequencies where it can be removed
by the digital LPF. This noise shaping is shown in Figure 43.
+
–
INTEGRATOR
VREF
1-BIT DAC
DIGITAL
LOW-PASS
FILTER
24
MCLK/5
C
R
ANALOG
LOW-PASS FILTER
... 10100101 ...
LATCHED
COMPARATOR
Figure 44. First-Order
Σ-∆ ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com