Electronic Components Datasheet Search
  English  ▼

X  

ADuM7441 Datasheet(PDF) 2 Page - Analog Devices

Part # ADuM7441
Description  1 kV RMS Quad-Channel Digital Isolators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM7441 Datasheet(HTML) 2 Page - Analog Devices

  ADuM7441 Datasheet HTML 1Page - Analog Devices ADuM7441 Datasheet HTML 2Page - Analog Devices ADuM7441 Datasheet HTML 3Page - Analog Devices ADuM7441 Datasheet HTML 4Page - Analog Devices ADuM7441 Datasheet HTML 5Page - Analog Devices ADuM7441 Datasheet HTML 6Page - Analog Devices ADuM7441 Datasheet HTML 7Page - Analog Devices ADuM7441 Datasheet HTML 8Page - Analog Devices ADuM7441 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADuM7440/ADuM7441/ADuM7442
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—5 V Operation................................ 3
 
Electrical Characteristics—3.3 V Operation ............................ 4
 
Electrical Characteristics—Mixed 5 V/3.3 V Operation ........ 5
 
Electrical Characteristics—Mixed 3.3 V/5 V Operation ........ 6
 
Package Characteristics ............................................................... 7
 
Regulatory Information............................................................... 7
 
Insulation and Safety-Related Specifications............................ 7
 
Recommended Operating Conditions .......................................7
 
Absolute Maximum Ratings ............................................................8
 
ESD Caution...................................................................................8
 
Pin Configurations and Function Descriptions ............................9
 
Typical Performance Characteristics ........................................... 12
 
Applications Information .............................................................. 14
 
PC Board Layout ........................................................................ 14
 
Propagation Delay-Related Parameters................................... 14
 
DC Correctness and Magnetic Field Immunity........................... 14
 
Power Consumption .................................................................. 15
 
Insulation Lifetime ..................................................................... 15
 
Outline Dimensions ....................................................................... 17
 
Ordering Guide .......................................................................... 18
 
REVISION HISTORY
10/09—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com