Electronic Components Datasheet Search
  English  ▼

X  

ADuM7441 Datasheet(PDF) 3 Page - Analog Devices

Part # ADuM7441
Description  1 kV RMS Quad-Channel Digital Isolators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM7441 Datasheet(HTML) 3 Page - Analog Devices

  ADuM7441 Datasheet HTML 1Page - Analog Devices ADuM7441 Datasheet HTML 2Page - Analog Devices ADuM7441 Datasheet HTML 3Page - Analog Devices ADuM7441 Datasheet HTML 4Page - Analog Devices ADuM7441 Datasheet HTML 5Page - Analog Devices ADuM7441 Datasheet HTML 6Page - Analog Devices ADuM7441 Datasheet HTML 7Page - Analog Devices ADuM7441 Datasheet HTML 8Page - Analog Devices ADuM7441 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADuM7440/ADuM7441/ADuM7442
Rev. 0 | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = VDD2 = 5 V. Minimum/maximum specifications apply over the entire recommended
operation range of 4.5 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V, and −40°C ≤ TA ≤ +105°C, unless otherwise noted. Switching specifications
are tested with CL = 15 pF, and CMOS signal levels, unless otherwise noted.
Table 1.
Parameter
Symbol
A Grade
C Grade
Unit
Test Conditions
Min
Typ
Max
Min
Typ
Max
SWITCHING SPECIFICATIONS
Data Rate
1
25
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
50
75
27
40
50
ns
50% input to 50% output
Pulse Width Distortion
PWD
10
25
2
5
ns
|tPLH − tPHL|
Change vs. Temperature
5
3
ps/°C
Pulse Width
PW
250
40
ns
Within PWD limit
Propagation Delay Skew
tPSK
40
25
ns
Between any two units
Channel Matching
Codirectional
tPSKCD
40
2
4
ns
Opposing-Direction
tPSKOD
40
3
6
ns
Jitter
2
2
ns
7
Codirectional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the isolation barrier. Opposing-directional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the isolation barrier.
Table 2.
Parameter
Symbol
1 Mbps—A, C Grades
25 Mbps—C Grade
Unit
Test Conditions
Min
Typ
Max
Min
Typ
Max
SUPPLY CURRENT
ADuM7440
IDD1
4.3
5.4
28
35
mA
IDD2
2.5
3.6
6.0
11
mA
ADuM7441
IDD1
4.1
4.9
18
26
mA
IDD2
3.6
4.7
8.5
14
mA
ADuM7442
IDD1
3.2
4.0
15
20
mA
IDD2
3.2
4.0
12
17
mA
Table 3. For All Models
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Logic High Input Threshold
VIH
0.7 VDDx
V
Logic Low Input Threshold
VIL
0.3 VDDx
V
Logic High Output Voltages
VOH
VDDx − 0.1
VDDx − 0.4
5.0
4.8
V
V
IOx = −20 μA, VIx = VIxH
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOL
0.0
0.2
0.1
0.4
V
V
IOx = 20 μA, VIx = VIxL
IOx = 4 mA, VIx = VIxL
Input Current per Channel
II
−10
+0.01
+10
μA
0 V ≤ VI x ≤ VDDx
Supply Current per Channel
Quiescent Input Supply Current
IDDI(Q)
0.76
0.95
mA
Quiescent Output Supply Current
IDDO(Q)
0.57
0.73
mA
Dynamic Input Supply Current
IDDI(D)
0.26
mA/Mbps
Dynamic Output Supply Current
IDDO(D)
0.05
mA/Mbps
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.0
ns
10% to 90%
Common-Mode Transient Immunity1
|CM|
15
25
kV/μs
VIx = VDDx, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
1.2
Mbps
1 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 VDD. The common-mode voltage slew rates apply to both
rising and falling common-mode voltage edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com