Electronic Components Datasheet Search
  English  ▼

X  

78P2351R Datasheet(PDF) 9 Page - Teridian Semiconductor Corporation

Part # 78P2351R
Description  Serial 155M NRZ to CMI Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78P2351R Datasheet(HTML) 9 Page - Teridian Semiconductor Corporation

Back Button 78P2351R Datasheet HTML 5Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 6Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 7Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 8Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 9Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 10Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 11Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 12Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 13Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
78P2351R
Serial 155M
NRZ to CMI Converter
Page: 9 of 31
2006 Teridian Semiconductor Corporation
Rev. 2.1
REGISTER DESCRIPTION (continued)
LEGEND
TYPE
DESCRIPTION
TYPE
DESCRIPTION
R/O
Read only
R/W
Read or Write
R/C
Read and Clear
GLOBAL REGISTERS
ADDRESS 0-0: MASTER CONTROL REGISTER
BIT
NAME
TYPE
DFLT
VALUE
DESCRIPTION
7:5
--
R/W
0X0
Reserved.
4:3
CKSL
[1:0]
R/W
X
Reference Clock Frequency Select:
Selects the reference clock frequency input at CKREFP/N pins.
11: 155.52 MHz (differential LVPECL input)
10: 77.76 MHz (single-ended CMOS input) – Tie CKREFN to ground.
00: 19.44 MHz (single-ended CMOS input) – Tie CKREFN to ground.
Note: Default values depend on the CKSL pin setting upon reset or
power up.
2:1
--
R/W
X0
Reserved.
0
SRST
R/W
0
Register Soft-Reset:
When this bit is set, all registers are reset to their default values. This
register bit is self-clearing.
ADDRESS 0-1: RESERVED
BIT
NAME
TYPE
DFLT
VALUE
DESCRIPTION
7:0
--
R/W
00100X11
Reserved.
ADDRESS 0-2: RESERVED
BIT
NAME
TYPE
DFLT
VALUE
DESCRIPTION
7:0
--
R/W
XXXXXXX0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com