Electronic Components Datasheet Search
  English  ▼

X  

78P2351R Datasheet(PDF) 21 Page - Teridian Semiconductor Corporation

Part # 78P2351R
Description  Serial 155M NRZ to CMI Converter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78P2351R Datasheet(HTML) 21 Page - Teridian Semiconductor Corporation

Back Button 78P2351R Datasheet HTML 17Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 18Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 19Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 20Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 21Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 22Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 23Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 24Page - Teridian Semiconductor Corporation 78P2351R Datasheet HTML 25Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
78P2351R
Serial 155M
NRZ to CMI Converter
Page: 21 of 31
2006 Teridian Semiconductor Corporation
Rev. 2.1
ELECTRICAL SPECIFICATIONS (continued)
TRANSMITTER SPECIFICATIONS FOR CMI INTERFACE
Bit Rate: 155.52Mbits/s
± 20ppm
Code: Coded Mark Inversion (CMI)
Relevant Specification: ITU-T G.703, Telcordia GR-253, ANSI T1.102
With the coaxial output port driving a 75
Ω load, the output pulses conform to the templates in Figures 8 and 9.
These specifications are tested during production test. Consult application note for reference schematic, layout
guidelines, and recommended transformers.
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
Peak-to-peak Output Voltage
(Fuse-trimmed to nominal target at
final test)
Template, steady state
0.9
1.04
1.1
V
Rise/ Fall Time
10-90%
2
ns
Negative Transitions
-0.1
0.1
Positive Transitions at Interval
Boundaries
-0.5
0.5
Transition Timing Tolerance
Positive Transitions at mid-
interval
-0.35
0.35
ns
The following specifications are not tested during production test. They are included for information only.
Note that the return loss depends on the board layout and the particular transformer used.
PARAMETER
CONDITION
MIN
NOM
MAX
UNIT
Output Impedance
Driver is open drain
1
8
M
Ω
pF
Return Loss
7MHz to 240MHz
15
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com