| Electronic Components Datasheet Search |
|
NAS7820 Datasheet(PDF) 2 Page - PLX Technology |
|
|
|||||||||||||||||||||||||||||
NAS7820 Datasheet(HTML) 2 Page - PLX Technology |
|
2 / 3 page ![]() NAS 7820/1, Next Generation Media Networked Storage Solution © PLX Technology, www.plxtech.com Page 2 of 3 1/4/2010, Version 1.0 PLX NAS 7820/1 brings a new architectural approach to consumer NAS system on a chip (SoC) For years the conventional approach to SoC design has been the bigger hammer approach. To improve the performance, increase the clock speed of the processor. This approach has not been unique to the consumer NAS market but more of a general semiconductor industry approach. The PLX 7820/1 changes the game by a holistic view of the overall system architecture. It uses PLX’s Trident architectural approach: Figure 1: Trident Architectural Approach 1. Processor still is a key part of the overall architecture. However, the new applications, particularly the media applications, have unique and stringent requirements such as low jitter and high QoS. The common single core processors simply cannot meet these requirements effectively regardless of how fast the processor clock is running. On the other hand, the dual core architecture has significant advantages in Simultaneously running multiple applications Performance intensive applications Multi-threading kernels such as Linux Flexibility in processor resource allocation. For example, each core could be dedicated to specific application or load-sharing and balancing Independent I & D cache reduces cache pollution improved power/performance ratio particularly in media application processing 2. Application specific hardware offload engine. The PLX NAS 7820/1 has taken this approach to the next level. By analyzing the performance funnel, and indentifying key areas and applications with intensive processing requirements, the product has implemented hardware engines to relieve the processor and the internal bus from intensive processing and system traffic. Hence this improves the overall system performance with better processor utilization (i.e., higher throughput per CPU clock) reduces internal traffic within the SoC, and better cost structure due to less processor demand. PLX NAS 7820/1 utilizes hardware offload engines in networking, security, and storage (i.e., RAID & SATA) areas. 3. What integrates all the sub-systems together as a cohesive system is restructured firmware. The key design criterion is to fully utilize and bond all the system hardware via highly optimized firmware. Simply said, optimized firmware to utilize hardware modules. This is the most challenging part of the overall system architecture. The PLX NAS 7820/1 has taken this approach to the next level by providing the industry’s highest optimized firmware for consumer storage. Figure 2: NAS 7820 architecture overview |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |