Electronic Components Datasheet Search
  English  ▼

X  

NAS7820 Datasheet(PDF) 1 Page - PLX Technology

Part # NAS7820
Description  Next Generation Media Networked Storage Solution
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

NAS7820 Datasheet(HTML) 1 Page - PLX Technology

  NAS7820 Datasheet HTML 1Page - PLX Technology NAS7820 Datasheet HTML 2Page - PLX Technology NAS7820 Datasheet HTML 3Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NAS 7820/1, Next Generation Media Networked Storage Solution
© PLX Technology, www.plxtech.com
Page 1 of 3
1/4/2010, Version 1.0
Key Benefits
Unique Trident architecture including
dual-core ARM 11 MP each core running
at 750 MHz, application specific hardware
engines for networking, storage, and
security, and highly structured firmware
for the highest performance at the lowest
system cost
Highly optimized for consumer
applications such as streaming multiple
HD videos, music, and photos with high
quality-of-service (QoS), content
protection, fast back-up, remote access,
trans-coding, and much more
Security engine for encryption with
hashing functionality for enhanced
security
Booting from HDD without Flash for the
lower BOM cost (support of Flash is
optional)
Integrated 1/2 SATA3G/s ports with
RAID0, RAID1, and JBOD support in
hardware
Rich set of interfaces: dual USB2.0,
UART, JTAG, PCIe, and RGMII
Supported file system: SMB, XFS, EXT3,
and NTFS (Read)
Support of many third party application
partners for media serving, remote
access, back-up, and media content
management
The Evolution of the Consumer Market
The digital lifesytle is going through major changes.
More and more people are self-creating, purchasing
and downloading digital contant (videos, photos, and
music) than at any time before. This explosion of
digital content demands a fresh approach to
consumer content storage, security, and management.
We are now witnessing the third wave of the
consumer digital revolution. The first wave was the
introduction of the internet into the homes. The
second wave was the mainstream adoption of
handheld mobile devices such as smart phones and
MP3 players. The third wave is the demand of
consumers to access their content from anywhere,
anytime, and from any device securely and reliably.
This requires a fresh thinking into consumer content
storage.
This emerging environment presents new
challenges/opportunities to system designers, as these
new consumer devices now must evolve from a one-
dimensional model of a single user/application to a
sophisticated, multi-client model running
simultaneous applications.
Long gone are the times that the conventional
“cranking up” of the processor clock could effectively
meet the new requirements and cost structure of the
consumer storage market. There are two orthogonal
requirements: on one hand these new SoCs should
provide high performance in a multi-application and
multi-user environment. At the same time, meet the
cost sensitive requirements of the consumer market.
This requires a new architectural approach.


Similar Part No. - NAS7820

ManufacturerPart #DatasheetDescription
logo
PLX Technology
NAS7825 PLX-NAS7825 Datasheet
183Kb / 3P
Next Generation Multi-functional Networked Storage Solution
More results

Similar Description - NAS7820

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
Interworking Controller Next Generation
2003
logo
WJ Communication. Inc.
WJM3000 WJCI-WJM3000 Datasheet
681Kb / 7P
Next Generation RFID Reader Module
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368 Datasheet
965Kb / 39P
Next Generation Micro Controller Supply
Rev. 1.1, November 2007
logo
PLX Technology
NAS7825 PLX-NAS7825 Datasheet
183Kb / 3P
Next Generation Multi-functional Networked Storage Solution
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368_10 Datasheet
1Mb / 41P
Next Generation Micro Controller Supply
Rev. 2.1, 2010-11-22
logo
FCI connector
10112626-101LF FCI-CONNECTOR-10112626-101LF Datasheet
1,017Kb / 3P
Mini-SAS HD Next generation SAS storage interface
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
Crimping Next Generation
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
next generation power source
logo
Glenair, Inc.
180_118 GLENAIR-180_118 Datasheet
265Kb / 1P
Next Generation MIL-PRF-64266
logo
Intel Corporation
PEF32002VTV1.1 INTEL-PEF32002VTV1.1 Datasheet
475Kb / 2P
DUSLIC™-XS Lantiq‘s Next Generation Voice CPE Solution
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com