Electronic Components Datasheet Search
  English  ▼

X  

34845 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  34845 Datasheet HTML 1Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34845
ELECTRICAL CHARACTERISTICS
STATIC AND DYNAMIC ELECTRICAL CHARACTERISTICS
STATIC AND DYNAMIC ELECTRICAL CHARACTERISTICS
Table 3. Static and Dynamic Electrical Characteristics
Characteristics noted under conditions VIN = 12 V, VOUT = 35 V, ILED = 30 mA, fS = 600 kHz, fPWM = 600 Hz - 40°C ≤ TA ≤
85
°C, unless otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY
Supply Voltage
VIN
5.0
10
21
V
Supply Current when in Shutdown Mode
EN = Low, PWM = Low
ISHUTDOWN
-
2.0
10
μA
Supply Current when Operational Mode
Boost = Pulse Skipping, Channels = 1% of Duty Cycle
EN = High, PWM = Low
IOPERATIONAL
-
5.0
6.5
mA
Under-voltage Lockout
VIN Rising
UVLO
4.0
-
4.4
V
Under-voltage Hysteresis
VIN Falling
UVLOHYST
-
0.25
-
V
VDC1 Voltage(6)
CVDC1 = 2.2 μF
VDC1
2.4
2.5
2.6
V
VDC2 Voltage(6) (VIN between 7.0 and 21 V)
CVD2C = 2.2 μF
VDC2
5.7
6.0
6.3
V
BOOST
Output Voltage Range(7)
VIN = 5.0 V
VIN = 21 V
VOUT1
VOUT2
8.0
24
-
-
43
60
V
Boost Switch Current Limit
34845, 34845A
34845B
IBOOST_LIMIT
1.9
2.1
2.1
2.35
2.3
2.6
A
Boost Switch Current Limit Timeout
tBOOST_TIME
-
10
-
ms
RDSON of Internal FET
IDRAIN= 1.0 A
RDSON
-
300
520
m
Ω
Boost Switch Off state Leakage Current
VSWA,SWB = 60 V
IBOOST_LEAK
-
-
1.0
μA
Feedback pin Off-state Leakage Current
VOUT = 60 V
VOUTLEAK
-
-
500
μA
Peak Boost Efficiency(8)
VOUT = 33 V, RL = 330 Ω
EFFBOOST
-
90
-
%
Notes
6.
This output is for internal use only and not to be used for other purposes
7.
Minimum and maximum output voltages are dependent on Min/Max duty cycle condition.
8.
Boost efficiency test is performed under the following conditions: fSW = 600 kHz, VIN = 12 V, VOUT = 33 V and RL = 330 Ω. The following
external components are used: L = 10
μH DCR = 0.1 Ω, COUT = 3x1 μF (ceramic), Schottky diode VF = 0.35 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com