Electronic Components Datasheet Search
  English  ▼

X  

34845 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 34845
Description  Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 34845 Datasheet HTML 2Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 3Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34845 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
34845
ELECTRICAL CHARACTERISTICS
STATIC AND DYNAMIC ELECTRICAL CHARACTERISTICS
BOOST (CONTINUED)
Line Regulation
VIN = 7.0 V to 21 V, ICH = 30 mA
ILED/VIN
-0.2
-
0.2
%/V
Load Regulation
VLED = 24 V to 40 V (all Channels), ICH = 30 mA
ILED/VLED
-0.2
-
0.2
%/V
Minimum Duty Cycle
DMIN
-
10
15
%
Maximum Duty Cycle
DMAX
88
90
-
%
OVP Internally Fixed Value
(no external voltage resistor divider)
VOVP_INT
56
60
64
V
OVP Programming Range(9)
(set through an external resistor divider)
VOVP_EXT
15
-
60
V
OVP Reference Voltage
VREF_OVP
6.3
6.9
7.5
V
OVP Sink Current
ISINK_OVP
-
0.2
-
μA
Switching Frequency
34845
34845A
34845B
fS
540
1080
270
600
1200
300
660
1320
330
kHz
Soft Start Time (Fs=600 kHz, 100% PWM duty)
tSS
-
3.0
-
ms
Soft Start VOUT Overshoot (Fs=600 kHz, 100% PWM duty)
SS_VOUT
-
-
OVP
V
Boost Switch Rise Time
BOOST_tR
-
8.0
-
ns
Boost Switch Fall Time
BOOST_tF
-
6.0
-
ns
Current sense Amplifier Gain
ACSA
-
9.0
-
OTA Transconductance
GM
-
200
-
μS
Transconductance Sink and Source Current Capability
ISS
-
100
-
μA
Slope Compensation
34845
34845A
34945B
VSLOPE
-
-
-
0.52
0.73
0.22
-
-
-
V/
μs
LED DRIVER
LED Driver Sink Current
RISET = 51 kΩ 0.1%, PWM = 3.3 V
RISET = 5.1 kΩ 0.1%, PWM = 3.3 V
ILED
2.88
29.4
3.0
30
3.12
30.6
mA
ISET Pin Voltage
RISET = 5.1 kΩ 0.1%
VISET
2.011
2.043
2.074
V
Regulated Minimum Voltage Across LED Drivers
Pulse Width > 400ns
VMIN
0.675
0.75
0.825
V
LED Current Channel to Channel Tolerance
10 mA
≤ ILED ≤ 30 mA
3.0 mA
≤ ILED < 10 mA
ITOLERANCE
-2.0
-4.0
-
-
2.0
4.0
%
Notes
9.
The OVP level must be set 5.0 V above the worst-case LED string voltage.
Table 3. Static and Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions VIN = 12 V, VOUT = 35 V, ILED = 30 mA, fS = 600 kHz, fPWM = 600 Hz - 40°C ≤ TA ≤
85
°C, unless otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com