Electronic Components Datasheet Search
  English  ▼

X  

34845B Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 34845B
Description  Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845B Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  34845B Datasheet HTML 1Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 2Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 3Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 4Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 5Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 6Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 7Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 8Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34845
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Table 2. Absolute Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Maximum Pin Voltages
SWA, SWB, VOUT
CH1, CH2, CH3, CH4, CH5, CH6 (Off state)
CH1, CH2, CH3, CH4, CH5, CH6 (On state)
FAIL, OVP
COMP, ISET
PWM, WAKE
EN, VIN
VMAX
-0.3 to 65
-0.3 to 45
-0.3 to 20
-0.3 to 7.0
-0.3 to 2.7
-0.3 to 5.5
-0.3 to 24
V
Maximum LED Current per Channel
ILED_MAX
33
mA
ESD Voltage(1)
Human Body Model (HBM)
Machine Model (MM)
VESD
±2000
±200
V
THERMAL RATINGS
Operating Ambient Temperature Range
TA
-40 to 85
°C
Maximum Junction Temperature
TJ
150
°C
Storage Temperature Range
TS
-40 to 150
°C
Peak Package Reflow Temperature During Reflow(2), (3)
TPPRT
Note 3
°C
Thermal Resistance Junction to Ambient(4)
TθJA
36
°C/W
Thermal Resistance Junction to Case(5)
TθJC
3.1
°C/W
Power Dissipation(4)
TA = 25°C
TA = 85°C
PD
3.4
1.8
W
Notes
1.
ESD testing is performed in accordance with the Human Body Model (HBM) (AEC-Q100-2) (CZAP = 100 pF, RZAP = 1500 Ω), and the
Machine Model (MM) (CZAP = 200 pF, RZAP = 0 Ω.
2.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
3.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
4.
Per JEDEC51-8 Standard for Multilayer PCB
5.
Theoretical thermal resistance is from the die junction to the exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com