Electronic Components Datasheet Search
  English  ▼

X  

34845B Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 34845B
Description  Low Cost 6 Channel LED Backlight Driver with Integrated Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34845B Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 34845B Datasheet HTML 11Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 12Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 13Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 14Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 15Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 16Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 17Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 18Page - Freescale Semiconductor, Inc 34845B Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
34845
TYPICAL APPLICATIONS
INTRODUCTION
Figure 12. Typical Application Circuit for Single Wire Control, fS = 300 kHz
(VIN = 8.0 V, ILED = 20 mA/channel, 14 LEDs/channel, OVP = 49 V, VPWM = 3.3 V)
MC34845 B
CH5
CH1
CH2
CH3
33uH
CH4
20
23
18
11
10
9
8
7
3
4
80V, 1A
LED
LEG 2
VIN
LED
LEG 1
CH6
12
LED
LEG 3
SWA
SWB
LED
LEG 4
LED
LEG 5
LED
LEG 6
2.2uF
OVP
14
FAIL
22
1
VI N
2. 2uF
10V
VDC1
2.2uF
10V
VDC2
EN
6
24
VOUT
PGND
2
5
PGND
WAKE
EP
10uf
25V
15
7. 65 K O
0. 1%
21
13
GND
GND
PWM
16
1 MO
162 kO
2. 2uF
100 pF
100pF
100pF
100 pF
100pF
100 pF
Caps should be located
as cl oseas possi ble to
the MC 34845 device
0. 1uf
150pF
COMP
17
8.2nF
3.3 kO
Cont rol
Unit
2.2uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com