Electronic Components Datasheet Search
  English  ▼

X  

33982C Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33982C
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982C Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33982C Datasheet HTML 20Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 21Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 22Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 23Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 24Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 25Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 26Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 27Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
33982
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
DEVICE REGISTER ADDRESSING
The following section describes the possible register
addresses and their impact on device operation.
Address x000—Status Register (STATR)
The STATR register is used to read the device status and
the various configuration register contents without disrupting
the device operation or the register contents. The register bits
D2, D1, and D0 determine the content of the first eight bits of
SO data. In addition to the device status, this feature provides
the ability to read the content of the OCR, SOCHLR,
CDTOLR, DICR, OSDR, WDR, NAR, and UOVR registers.
(Refer to the section entitled Serial Output Communication
(Device Status Return Data) beginning on page 26.)
Address x001—Output Control Register (OCR)
The OCR register allows the MCU to control the output
through the SPI. Incoming message bit D0 (IN_SPI) reflects
the desired states of the high-side output: a Logic [1] enables
the output switch and a Logic [0] turns it OFF. A Logic [1] on
message bit D1 enables the Current Sense (CSNS) pin. Bits
D2 and D3 must be Logic [0]. Bit D7 is used to feed the
watchdog if enabled.
Address x010—Select Over-current High and Low
Register (SOCHLR)
The SOCHLR register allows the MCU to configure the
output over-current low and high detection levels,
respectively. In addition to protecting the device, this slow
blow fuse emulation feature can be used to optimize the load
requirements to match system characteristics. Bits D2:D0
are used to set the over-current low detection level to one of
eight possible levels as defined in Table 11. Bit D3 is used to
set the over-current high detection level to one of two levels
as defined in Table 12.
Address x011—Current Detection Time and Open Load
Register (CDTOLR)
The CDTOLR register is used by the MCU to determine
the amount of time the device will allow an over-current low
condition before output latches OFF occurs. Bits D1 and D0
allow the MCU to select one of four fault blanking times
defined in Table 13. Note that these timeouts apply only to
the over-current low detection levels. If the selected over-
current high level is reached, the device will latch off within
20
μs.
A Logic [1] on bit D2 disables the over-current low
(CD_dis) detection timeout feature. A Logic [1] on bit D3
disables the open load (OL) detection feature.
Address x100—Direct Input Control Register (DICR)
The DICR register is used by the MCU to enable, disable,
or configure the direct IN pin control of the output. A Logic [0]
on bit D1 will enable the output for direct control by the IN pin.
A Logic [1] on bit D1 will disable the output from direct control.
Table 10. Serial Input Address and Configuration Bit
Map
SI
Register
Serial Input Data
D7 D6 D5 D4
D3
D2
D1
D0
STATR
x
0
0
0
0
SOA2
SOA1
SOA0
OCR
x
0
0
1
0
0
CSNS
EN
IN_SPI
SOCHLR
x
0
1
0
SOCH SOCL2 SOCL1 SOCL0
CDTOLR
x
0
1
1 OL_dis CD_dis OCLT1
OCLT0
DICR
x
1
0
0
FAST
SR
CSNS
high
IN dis
A/O
OSDR
0
1
0
1
0
OSD2
OSD1
OSD0
WDR
1
1
0
1
0
0
WD1
WD0
NAR
0
1
1
0
0
0
0
0
UOVR
1
1
1
0
0
0
UV_dis OV_dis
TEST
x
1
1
1
Freescale Internal Use (Test)
x = Don’t care.
Table 11. Over-current Low Detection Levels
SOCL2
(D2)
SOCL1
(D1)
SOCL0
(D0)
Over-current Low Detection
(Amperes)
0
0
0
50
0
0
1
45
0
1
0
40
0
1
1
35
1
0
0
30
1
0
1
25
1
1
0
20
1
1
1
15
Table 12. Over-current High Detection Levels
SOCH (D3)
Over-current High Detection
(Amperes)
0
150
1
100
Table 13. Over-current Low Detection Blanking Time
OCLT[1:0]
Timing
00
155 ms
01
10 ms
10
1.2 ms
11
150
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com