Electronic Components Datasheet Search
  English  ▼

X  

33982C Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33982C
Description  Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982C Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33982C Datasheet HTML 7Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 8Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 9Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 10Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 11Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 12Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 13Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 14Page - Freescale Semiconductor, Inc 33982C Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33982
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5 V, 6.0 V ≤ VPWR ≤ 27 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT TIMING
Output Rising Slow Slew Rate A (DICR D3 = 0)(19)
9.0 V < VPWR < 16 V
SRRA_SLOW
0.2
0.6
1.2
V/
μs
Output Rising Slow Slew Rate B (DICR D3 = 0)(20)
9.0 V < VPWR < 16 V
SRRB_SLOW
0.03
0.1
0.3
V/
μs
Output Rising Fast Slew Rate A (DICR D3 = 1)(19)
9.0 V < VPWR < 16 V
SRRA_FAST
0.4
1.0
4.0
V/
μs
Output Rising Fast Slew Rate B (DICR D3 = 1)(20)
9.0 V < VPWR < 16 V
SRRB_FAST
0.03
0.1
1.2
V/
μs
Output Falling Slow Slew Rate A (DICR D3 = 0)(19)
9.0 V < VPWR < 16 V
SRFA_SLOW
0.2
0.6
1.2
V/
μs
Output Falling Slow Slew Rate B (DICR D3 = 0)(20)
9.0 V < VPWR < 16 V
SRFB_SLOW
0.03
0.1
0.3
V/
μs
Output Falling Fast Slew Rate A (DICR D3 = 1)(19)
9.0 V < VPWR < 16 V
SRFA_FAST
0.8
2.0
4.0
V/
μs
Output Falling Fast Slew Rate B (DICR D3 = 1)(20)
9.0 V < VPWR < 16 V
SRFB_FAST
0.1
0.35
1.2
V/
μs
Output Turn-ON Delay Time in Fast/Slow Slew Rate(21)
DICR = 0, DICR = 1
tDLY(ON)
1.0
18
100
μs
Output Turn-OFF Delay Time in Slow Slew Rate Mode(22)
DICR = 0
tDLY_SLOW(OFF)
20
230
500
μs
Output Turn-OFF Delay Time in Fast Slew Rate Mode(22)
DICR = 1
tDLY_FAST(OFF)
10
60
200
μs
Direct Input Switching Frequency (DICR D3 = 0)
fPWM
–
300
–
Hz
Notes
19.
Rise and Fall Slew Rates A measured across a 5.0
Ω resistive load at high side output = 0.5 V to VPWR-3.5 V. These parameters are
guaranteed by process monitoring.
20.
Rise and Fall Slow Slew Rates B measured across a 5.0
Ω resistive load at high side output = VPWR-3.5 V to VPWR-0.5 V. These
parameters are guaranteed by process monitoring.
21.
Turn-ON delay time measured from rising edge of any signal (IN, SCLK, CS) that would turn the output ON to VHS = 0.5 V with
RL = 5.0 Ω resistive load.
22.
Turn-OFF delay time measured from falling edge of any signal (IN, SCLK, CS) that would turn the output OFF to VHS = VPWR-0.5 V
with RL = 5.0 Ω resistive load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com