Electronic Components Datasheet Search
  English  ▼

X  

HT45R37V Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 90 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD VCC
Conditions
VDRO
Dropout Voltage
¾¾ IOUT=1mA
25
30
35
mV
ICC1
Logic Operating Current 1
5V
18V No load, VFD outputs, all
output low, CLK=100kHz
¾
70
110
mA
24V
¾
90
135
mA
ICC2
Logic Operating Current 2
5V
18V No load, VFD outputs, all
output high, CLK=100kHz
¾
70
110
mA
24V
¾
90
135
mA
ICC3
Buzzer Operating Current
5V
18V
No load, BZI input 50kHz
¾
100
150
mA
24V
¾
120
180
mA
ICC4
Filament Operating Current
5V
18V
No load, F1 input 50kHz
¾
80
120
mA
24V
¾
100
150
mA
ISTB
Standby Current (LDO Always
On, WDT Enable/Disable)
5V
18V
No load
¾
70
105
mA
24V
¾
90
135
mA
IOL2
F1O Sink Current
5V
18V
VOL= 0.1VCC
2.5
5.0
¾
mA
24V
5.0
10.0
¾
mA
IOH2
F1O Source Current
5V
18V
VOH= 0.9VCC
-15
-30
¾
mA
24V
-22
-25
¾
mA
IOL3
BZO/BZO Sink Current
5V
18V
VOL= 0.1VCC
15
30
¾
mA
24V
25
50
¾
mA
IOH3
BZO/BZO Source Current
5V
18V
VOH= 0.9VCC
-15
-30
¾
mA
24V
-25
-50
mA
IOL4
Grid/Segment Sink Current
5V
18V
VOL= 0.1VCC
2.5
5.0
¾
mA
24V
5.0
10.0
¾
mA
IOH4
Grid/Segment Source Current
5V
18V
VOH= 0.9VCC
-6
-12
¾
mA
24V
-10
-20
¾
mA
Note:
1. 32768Hz is in slow start mode (RTCC.4=1) for the D.C. current measurement.
2. fS is the internal clock for Buzzer, RTC, Time base and WDT.
3. Both Timer/Event Counters are off. Timer filter is disabled for all test conditions.
4. All peripherals are in OFF condition if not mentioned at IDD,ISTB tests.
HT45R37V
Rev. 1.00
7
October 20, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com