Electronic Components Datasheet Search
  English  ▼

X  

HT45R37V Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT45R37V
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37V Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT45R37V Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R37V Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS1
System Clock
(Crystal OSC, ERC OSC)
¾
2.2V~5.5V
400
¾
4000
kHz
3.0V~5.5V
400
¾
8000
kHz
4.5V~5.5V
400
¾
12000
kHz
fSYS2
System Clock (HIRC OSC)
¾
5V
-2%
4000
+2%
kHz
5V
-2%
8000
+2%
kHz
5V
-2%
12000
+2%
kHz
fSYS3
System Clock
(RTC Crystal OSC)
¾
2.2V~5.5V
¾
32768
¾
Hz
f4MRCOSC
4MHz External RC OSC
5V
External R=150k
W-2%
4000
+2%
kHz
fRTCOSC
RTC Frequency
¾¾
¾
32768
¾
Hz
fTIMER
Timer I/P Frequency
(TMR0/TMR1)
¾
2.2V~5.5V
0
¾
4000
kHz
3.0V~5.5V
0
¾
8000
kHz
4.5V~5.5V
0
¾
12000
kHz
fRC32K
32K RC Period (LIRC)
¾
2.2V~5.5V, After Trim
28.1
31.25
34.4
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tLVR
Low Voltage Reset Time
¾¾
0.1
0.4
0.6
ms
tSST1
System Start-up Timer Period
¾
Power-on
¾
1024
¾
tSYS*
tSST2
System Start-up Timer Period
for XTAL or RTC oscillator
¾
Wake-up from Power
Down Mode
¾
1024
¾
tSYS*
tSST3
System Start-up Timer Period
for RC or External Clock
¾
Wake-up from Power
Down Mode
¾
12
tSYS*
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tAD
A/D Clock Period
¾¾
0.5
¾¾
ms
tADC
A/D Conversion Time
¾¾
¾
16
¾
tAD
RESTD
Reset Delay Time
¾¾
¾
100
¾
ms
tPHL,
tPLH
Propagation Delay Time
(Clock to VFD Output)
¾
VCC=15V
¾
100
200
ns
Propagation Delay Time
(Strobe to VFD Output)
¾
VCC=15V
¾
100
200
ns
tTHL,
tTLH
Output Transition Time
¾
VCC=15V
¾
40
80
ns
tSU
Data Setup Time
¾
VCC=15V
¾
10
20
ns
tCS
Setup Time (Clock to Strobe)
¾
VCC=15V
¾
10
20
ns
tH
Hold Time (Data to Clock)
¾
VCC=15V
¾
10
20
ns
tSC
Hold Time (Clock to Strobe)
¾
VCC=15V
¾
75
150
ns
tr,tf
Clock Input Rise or Fall Time
¾
VCC=15V
¾¾
20
ns
tWC
Clock Pulse Width
¾
VCC=15V
¾
40
83
ns
tWL
Strobe Pulse Width
¾
VCC=15V
¾
35
70
ns
fmax
Maximum Clock Input Frequency
¾
VCC=15V
¾
8
¾
MHz
Note:
*tSYS=1/fSYS1, 1/fSYS2 or 1/fSYS3
HT45R37V
Rev. 1.00
8
October 20, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com