Electronic Components Datasheet Search
  English  ▼

X  

HT48F70E Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT48F70E
Description  I/O Flash Type MCU with EEPROM
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F70E Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT48F70E Datasheet HTML 1Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 2Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 3Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 4Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 5Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 6Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 7Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 8Page - Holtek Semiconductor Inc HT48F70E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
HT48F70E
I/O Flash Type MCU with EEPROM
Rev. 1.30
1
July 29, 2009
General Description
The HT48F70E is an 8-bit high-performance, RISC ar-
chitecture microcontroller devices specifically designed
for multiple I/O control product applications. Device flex-
ibility is enhanced with their internal special features
such as power-down and wake-up functions, oscillator
options, buzzer driver, etc. These features combine to
ensure applications require a minimum of external com-
ponents and therefore reduce overall product costs.
Having the advantages of low-power consumption,
high-performance, I/O flexibility as well as low-cost,
these devices have the versatility to suit a wide range of
application possibilities such as industrial control, con-
sumer products, subsystem controllers, etc.
The device utilises a Flash type Program Memory, and
therefore have multi-programmable capabilities offering
the advantages of easy and efficient program updates.
The non-volatile internal EEPROM also offers the capa-
bility of storing information such as product part num-
bers, calibration data and other specific product
information. etc. The device is fully supported by the
Holtek range of fully functional development and pro-
gramming tools, providing a means for fast and efficient
product development cycles.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
fSYS=12MHz: 4.5V~5.5V
· Multi-programmable Flash Type Program Memory:
8192
´16
· EEPROM Data Memory: 256´8
· RAM Data Memory: 224´8
· Max. 56 bidirectional I/O with Pull-high Options
· External Interrupt Input shared with an I/O line
· Two 16-bit programmable Timer/Event Counter with
overflow interrupt
· Two Timer External Inputs
· Crystal and RC System Oscillator
· Watchdog Timer Function
· PFD/Buzzer Driver Outputs
· Power Down and Wake-up Feature for Power Saving
Operation
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· 16-level subroutine nesting
· Bit Manipulation Instructions
· Table Read Function
· 63 Powerful Instructions
· All Instructions executed in 1 or 2 Machine Cycles
· Low Voltage Reset Function
· Full Suite of Supported Hardware and Software
Tools Available
· Flash program memory can be re-programmed up to
100,000 times
· Flash program memory data retention > 10 years
· EEPROM data memory can be re-programmed up to
1,000,000 times
· EEPROM data memory data retention > 10 years
· ISP (In-System Programming) interface
· 48-pin SSOP, 64-pin LQFP package
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0075E MCU Reset and Oscillator Circuits Application Note


Similar Part No. - HT48F70E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48F06E HOLTEK-HT48F06E Datasheet
508Kb / 69P
I/O Flash Type MCU with EEPROM
September 10, 2007
HT48F06E HOLTEK-HT48F06E Datasheet
463Kb / 74P
I/O Flash Type MCU with EEPROM
July 29, 2009
HT48F06E HOLTEK-HT48F06E_09 Datasheet
463Kb / 74P
I/O Flash Type MCU with EEPROM
July 29, 2009
HT48F10E HOLTEK-HT48F10E Datasheet
508Kb / 69P
I/O Flash Type MCU with EEPROM
September 10, 2007
HT48F10E HOLTEK-HT48F10E Datasheet
463Kb / 74P
I/O Flash Type MCU with EEPROM
July 29, 2009
More results

Similar Description - HT48F70E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
48E30 HOLTEK-48E30 Datasheet
351Kb / 44P
8-Bit I/O Type MCU (With EEPROM)
January 12, 2004
HT48E06 HOLTEK-HT48E06 Datasheet
346Kb / 43P
8-Bit I/O Type MCU (With EEPROM)
January 12, 2004
HT48F06E HOLTEK-HT48F06E Datasheet
508Kb / 69P
I/O Flash Type MCU with EEPROM
September 10, 2007
HT48F50E HOLTEK-HT48F50E Datasheet
423Kb / 62P
I/O Flash Type MCU with EEPROM
July 28, 2009
HT48F06E HOLTEK-HT48F06E_09 Datasheet
463Kb / 74P
I/O Flash Type MCU with EEPROM
July 29, 2009
HT68F20 HOLTEK-HT68F20 Datasheet
1Mb / 210P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
November 3, 2009
HT68F20 HOLTEK-HT68F20_10 Datasheet
1Mb / 232P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
February 1, 2010
HT68F20_1006 HOLTEK-HT68F20_1006 Datasheet
1Mb / 236P
Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
HT68F20 HOLTEK-HT68F20_11 Datasheet
2Mb / 244P
Enhanced I/O Flash Type MCU with EEPROM
March 15, 2011
HT69F340 HOLTEK-HT69F340 Datasheet
8Mb / 235P
TinyPowerTM I/O Flash MCU with LCD & EEPROM
November 18, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com