Electronic Components Datasheet Search
  English  ▼

X  

HT48F30E Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT48F30E
Description  I/O Flash Type MCU with EEPROM
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48F30E Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT48F30E Datasheet HTML 9Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 10Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 11Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 12Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 13Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 14Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 15Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 16Page - Holtek Semiconductor Inc HT48F30E Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
HT48F06E/HT48F10E/HT48F30E
Rev. 1.60
13
July 29, 2009
Bank 1 of the RAM Data Memory contains only one spe-
cial function register, known as the EECR register,
which is used for EEPROM control and located at ad-
dress
²40H² for all devices.
Note:
Most of the RAM Data Memory bits can be di-
rectly manipulated using the
²SET [m].i² and
²CLR [m].i² instructions with the exception of a
few dedicated bits. The RAM Data Memory can
also be accessed through the Memory Pointer
registers MP0 and MP1.
General Purpose Data Memory
All microcontroller programs require an area of
read/write memory where temporary data can be stored
and retrieved for use later. It is this area of RAM memory
that is known as General Purpose Data Memory. This
area of Data Memory is fully accessible by the user pro-
gram for both read and write operations. By using the
²SET [m].i² and ²CLR [m].i² instructions individual bits
can be set or reset under program control giving the
user a large range of flexibility for bit manipulation in the
Data Memory.
Special Purpose Data Memory
This area of Data Memory, is located in Bank 0, where
registers, necessary for the correct operation of the
microcontroller, are stored. Most of the registers are
both readable and writable but some are protected and
are readable only, the details of which are located under
the relevant Special Function Register section. Note
that for locations that are unused, any read instruction to
these addresses will return the value
²00H². Although
the Special Purpose Data Memory registers are located
in Bank 0, they will still be accessible even if the Bank
Pointer has selected Bank 1.
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
7 F H
1 7 H
G e n e r a l P u r p o s e
D a t a M e m o r y
( 6 4 B y t e s )
H T 4 8 F 3 0 E
H T 4 8 F 0 6 E
H T 4 8 F 1 0 E
: U n u s e d , r e a d a s " 0 0 "
0 0 H
2 0 H
7 F H
1 F H
S p e c i a l P u r p o s e
D a t a M e m o r y
G e n e r a l P u r p o s e
D a t a M e m o r y
( 9 6 B y t e s )
4 0 H
Bank 0 RAM Data Memory Structure
4 0 H
E E C R
Bank 1 RAM Data Memory Structure
I A R 0
M P 0
I A R 1
M P 1
B P
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C
T M R
T M R C
P A
P A C
P B
P B C
P C
P C C
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
I A R 0
M P 0
I A R 1
M P 1
B P
A C C
P C L
T B L P
T B L H
W D T S
S T A T U S
I N T C
T M R
T M R C
P A
P A C
P B
P B C
P C
P C C
P G
P G C
: U n u s e d , r e a d a s " 0 0 "
H T 4 8 F 0 6 E
H T 4 8 F 1 0 E
H T 4 8 F 3 0 E
Special Purpose Data Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com