| Electronic Components Datasheet Search |
|
HT48F30E Datasheet(PDF) 21 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT48F30E Datasheet(HTML) 21 Page - Holtek Semiconductor Inc |
|
21 / 74 page ![]() HT48F06E/HT48F10E/HT48F30E Rev. 1.60 21 July 29, 2009 ERASE The ²ERASE² instruction is used to erase data at a specified address. The data at the address specified will be set to ²1². To instigate an ²ERASE² instruction, the CS bit should be set high, followed by a high start bit and then the instruction code ²11², all transmitted via the DI bit. The address information should then follow with the MSB bit being transmitted first. After all the ²ERASE² in- struction code and address have been transmitted, the data at the specified address will be erased when the CS bit is cleared to zero. The EEPROM does this by ex- ecuting an internal write cycle which will set all data at the specified address to ²1². This process takes place internally using the EEPROM ¢s own internal clock and does not require any action from the SK clock. No fur- ther instructions can be accepted by the EEPROM until the write cycle has finished. To determine when the write cycle has ended, the CS should be again brought high and the DO bit polled. If the DO bit is low this indicates that the write-cycle is still in progress, however, the DO bit will change to a high value when the write-cycle has ended. Before an ²ERASE² instruction is transmitted, an ²EWEN² instruction must have been transmitted at some point earlier to ensure that the erase/write function of the EEPROM is enabled. Internal Write Cycle The write or erase instructions, ²WRITE², ²ERASE², ²ERAL² or ²WRAL² will all use the EEPROM¢s internal write cycle function. As this function is completely inter- nally timed, the SK clock is not required. As the MCU has no control over the timing of this write cycle, it must still have some way of knowing when the internal write cycle has completed. This is because, when the internal write cycle is executing, the EEPROM will not accept any fur- ther instructions from the MCU. The MCU must therefore wait until the write cycle has finished before sending any further instructions. One way for the MCU to know when the write cycle has terminated is to poll the DO bit after the CS bit has is- sued a low pulse. The low going edge of this CS bit pulse will initiate the internal write cycle, when the bit is returned high the DO bit will go low to indicated that the write cycle is in progress. When the DO bit returns high this indicates that the internal write cycle has ended and that the EEPROM is ready to receive further instruc- tions. C S S K D O S t a n d b y D I 1 t S V t C D S B u s y V e r i f y 0 D 7 D 0 0 0 t P R S t a r t b i t 1 X X X X X - - 5 - b i t d o n ' t c a r e WRAL Timing C S S K D O D I 1 1 S t a r t b i t S t a n d b y t S V t C D S B u s y V e r i f y A 6 A 1 A 0 t P R A 5 A 4 1 ERASE Timing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |