Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 79 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 79 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 75Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 76Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 77Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 78Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 79Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 80Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 81Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 82Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 83Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 104 page
background image
HT56R67/HT56R668/HT56R678
Rev. 1.10
79
September 14, 2009
An additional sub internal clock, with the internal name
fSUB, is a 32kHz clock source which can be sourced from
either the internal 32K_INT oscillator or an external
32768 Hz crystal, selected by configuration option. To-
gether with fSYS/4, it is used as a clock source for certain
internal functions such as the LCD driver, Watchdog
Timer, Buzzer, RTC Interrupt and Time Base Interrupt.
The LCD clock source is the fSUB clock source divided by
8, giving a frequency of 4kHz. The internal clock fS,is
simply a choice of either fSUB or fSYS/4, using a configura-
tion option.
Operating Modes
After the correct clock source configuration selections
are made, overall operation of the chosen clock is
achieved using the CLKMOD register. A combination of
the HLCLK and IDLEN bits in the CLKMOD register and
use of the HALT instruction determine in which mode the
device will be run. The devices can operate in the follow-
ing Modes.
· Normal mode
fM on, fSLOW on, fSYS=fM, CPU on, fS on, fLCD on/off de-
pending upon the LCDEN bit, fWDT on/off depending
upon the WDT configuration option and WDT control
register.
· Slow mode
fM on, fSLOW=fM/2~fM/64, fSYS=fSLOW, CPU on, fS on, fLCD
on/off depending upon the LCDEN bit, fWDT on/off de-
pending upon the WDT configuration option and WDT
control register.
It
¢s important to note that fSLOW ³ 100kHz for proper
MCU operation.
· Idle mode
fM,fSLOW,fSYS off, CPU off; fSUB on, fS on/off by selecting
fSUB or fSYS/4, fLCD on/off depending upon the LCDEN
bit, fWDT on/off depending upon the WDT configuration
option and WDT control register.
· Sleep mode
fM,fSLOW,fSYS,fS,fLCD off, CPU off; fSUB,fWDT on/off de-
pending upon the WDT configuration option and WDT
control register.
C L K M O D R e g i s t e r
f S Y S s e l e c t
1 : f M
0 : f S L O W
I d l e m o d e
1 : e n a b l e
0 : d i s a b l e
H i g h o s c i l l a t o r r e a d y f l a g
1 : t i m e - o u t
0 : n o n - t i m e - o u t
L o w o s c i l l a t o r r e a d y f l a g
1 : t i m e - o u t
0 : n o n - t i m e - o u t
S P I / I C c o n t i n u e s r u n n i n g i n I d l e m o d e
1 : e n a b l e
0 : d i s a b l e
f S L O W s e l e c t i o n
b 0
I D L E N
H L C L K
H T O
L T O
b 7
S L O W C 0
S L O W C 1
S L O W C 2
f S L O W
f M / 6 4
f M / 3 2
f M / 1 6
f M / 8
f M / 4
f M / 2
S L O W W C 2
0
0
0
0
1
1
1
1
S L O W W C 1
0
0
1
1
0
0
1
1
S L O W W C 0
0
1
0
1
0
1
0
1
S I M I D L E
2
Clock Control Register
- CLKMOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com