Electronic Components Datasheet Search
  English  ▼

X  

HT56R67 Datasheet(PDF) 86 Page - Holtek Semiconductor Inc

Part # HT56R67
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R67 Datasheet(HTML) 86 Page - Holtek Semiconductor Inc

Back Button HT56R67 Datasheet HTML 82Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 83Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 84Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 85Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 86Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 87Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 88Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 89Page - Holtek Semiconductor Inc HT56R67 Datasheet HTML 90Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 104 page
background image
Application Circuit for HT56R668/HT56R678
HT56R67/HT56R668/HT56R678
Rev. 1.10
86
September 14, 2009
P A 0 / B Z
P A 1 / B Z
P A 2
P A 3 / P F D
P A 4 / T M R 2
P A 5 / T M R 3
P A 6 ~ P A 7
O S C 1
O S C 2
O S C
C i r c u i t
C O M / S E G
L C D / L E D
P a n e l
V L C D
V D D
P B 0 / A N 0
P B 7 / A N 7
P D 0 / P W M 0
P D 3 / P W M 3
P D 6 / T M R 0
P D 7 / T M R 1
P D 4 / I N T 0
P D 5 / I N T 1
O S C C i r c u i t
O S C 1
O S C 2
R P 1
C 1
C 2
R C S y s t e m O s c i l l a t o r
4 7 k W < R O S C < 1 . 5 M W
R O S C
O S C 1
O S C 2
V D D
4 7 0 p F
f S Y S / 4
O S C 3 , O S C 4 F l o a t i n g
O S C 3
O S C 4
O S C 3
O S C 4
O S C
C i r c u i t
O S C 3
O S C 4
R P 2
C 3
C 4
R E S / P A 7
V D D
V S S
0 . 1 m F
V D D
R e s e t
C i r c u i t
0 . 1 ~ 1 m F
1 0 k W ~
1 0 0 k W
3 0 0 W
0 . 0 1 m F
1 N 4 1 4 8
3 2 7 6 8 H z C r y s t a l
O s c i l l a t o r
F o r d e t a i l s r e g a r d i n g
C 3 , C 4 a n d R P 2 ,
c h e c k O s c i l l a t o r s e c t i o n
C r y s t a l / R e s o n a t o r
S y s t e m O s c i l l a t o r
F o r d e t a i l s r e g a r d i n g
C 1 , C 2 a n d R P 1 ,
c h e c k O s c i l l a t o r s e c t i o n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com