Electronic Components Datasheet Search
  English  ▼

X  

HT82D22R Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT82D22R
Description  27MHz Two Channel RX 8-Bit MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82D22R Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT82D22R Datasheet HTML 9Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 10Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 11Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 12Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 13Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 14Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 15Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 16Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
HT82D22R/HT82D22A
Rev. 1.00
13
November 6, 2009
If the device operates in a noisy environment, using the
on-chip 32kHz RC oscillator (WDT OSC) is strongly rec-
ommended, since the HALT will stop the system clock.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
WDTS (09H) Register
The WDT overflow under normal operation will initialize
a
²chip reset² and set the status bit ²TO². But in the
HALT mode, the overflow will initialize a
²warm reset²
and only the program counter and SP are reset to zero.
To clear the contents of the WDT (including the WDT
prescaler), three methods are adopted; external reset (a
low level to RES), software instruction and a
²HALT² in-
struction. The software instruction include
²CLR WDT²
and the other set
-²CLR WDT1² and ²CLR WDT2².Of
these two types of instruction, only one can be active de-
pending on the ROM code option
-²CLR WDT times se-
lection option
².Ifthe ²CLR WDT² is selected (i.e.
CLRWDT times is equal to one), any execution of the
²CLR WDT² instruction will clear the WDT. In the case
that
²CLR WDT² and ²CLR WDT² are chosen (i.e.
CLRWDT times is equal to two), these two instructions
must be executed to clear the WDT; otherwise, the WDT
may reset the chip as a result of time-out.
Power Down Operation
- HALT
The HALT mode is initialized by the
²HALT² instruction
and results in the following:
· The system oscillator will be turned off but the WDT
oscillator remains running (if the WDT oscillator is se-
lected).
· The contents of the on-chip RAM and registers remain
unchanged.
· The WDT and WDT prescaler will be cleared and re-
counted again (if the WDT clock is from the WDT os-
cillator).
· All of the I/O ports remain in their original status.
· The PDF flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A, PB0, PC0 or a WDT overflow. An external
reset causes a device initialization and the WDT over-
flow performs a
²warm reset². After the TO and PDF
flags are examined, the cause for chip reset can be de-
termined. The PDF flag is cleared by a system power-up
or executing the
²CLR WDT² instruction and is set when
executing the
²HALT² instruction. The TO flag is set if
the WDT time-out occurs, and causes a wake-up that
only resets the program counter and SP; the others re-
main in their original status.
The port A, PB0, PC0 wake-up and interrupt methods
can be considered as a continuation of normal execu-
tion. Each bit in port A, PB0, PC0 can be independently
selected to wake-up the device by mask option, PB0,
PC0 can also be selected to wake up the device by op-
tion. Awakening from an I/O port stimulus, the program
will resume execution of the next instruction. If it awak-
ens from an interrupt, two sequence may occur. If the re-
lated interrupt is disabled or the interrupt is enabled but
the stack is full, the program will resume execution at the
next instruction. If the interrupt is enabled and the stack
is not full, the regular interrupt response takes place. If
an interrupt request flag is set to
²1² before entering the
HALT mode, the wake-up function of the related inter-
rupt will be disabled. Once a wake-up event occurs, it
takes 1024 tSYS (system clock period) to resume normal
operation. In other words, a dummy period will be in-
serted after a wake-up. If the wake-up results from an in-
terrupt acknowledge signal, the actual interrupt
subroutine execution will be delayed by one or more cy-
cles. If the wake-up results in the next instruction execu-
tion, this will be executed immediately after the dummy
period is finished.
To minimize power consumption, all the I/O pins should
be carefully managed before entering the HALT status.
S y s t e m C l o c k / 4
8 - b i t C o u n t e r
W D T P r e s c a l e r
7 - b i t C o u n t e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
R O M
C o d e
O p t i o n
S e l e c t
W D T
O S C
Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com