Electronic Components Datasheet Search
  English  ▼

X  

HT82D22R Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT82D22R
Description  27MHz Two Channel RX 8-Bit MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82D22R Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT82D22R Datasheet HTML 17Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 18Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 19Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 20Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 21Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 22Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 23Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 24Page - Holtek Semiconductor Inc HT82D22R Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
HT82D22R/HT82D22A
Rev. 1.00
21
November 6, 2009
The bitmaps are list as follows :
Register
Name
R/W
Register
Address
Bit7~Bit3
Reserved
Bit 2
Bit 1
Bit 0
Default
Value
PIPE_CTRL
R/W
01000001B
¾
Pipe 2
Pipe 1
Pipe 0
00000110
STALL
R/W
01000011B
¾
Pipe 2
Pipe 1
Pipe 0
00000110
PIPE
R
01000100B
¾
Pipe 2
Pipe 1
Pipe 0
00000000
Endpt_EN
R/W
01000001B
¾
Pipe 2
Pipe 1
Pipe 0
00000111
PIPE_CTRL (41H), STALL (43H), PIPE (44H) and Endpt_EN (47H) Registers
The SIES Register is used to indicate the present signal state which the SIE receives and also defines whether the SIE
has to change the device address automatically.
Bit No.
Function
Read/Write
Register Address
7
MNI
R/W
01000001B
6~2
¾¾
1
F0_ERR
R/W
0
Adr_set
R/W
SIES (45H) Register Table
Function
Name
Read/
Write
Description
Adr_set
R/W
This bit is used to configure the USB SIE to automatically change the device address with the
value of the Address+Remote_WakeUp Register (42H).
When this bit is set to 1 by F/W, the USB SIE will update the device address with the value of the
Address+Remote_WakeUp Register (42H) after the PC Host has successfully read the data
from the device by the IN operation. The USB SIE will clear the bit after updating the device ad-
dress. Otherwise, when this bit is cleared to 0, the USB SIE will update the device address im-
mediately after an address is written to the Address+Remote_WakeUp Register (42H).
F0_Err
R/W
This bit is used to indicate when there are some errors that occurred when the FIFO0 is ac-
cessed. This bit is set by the USB SIE and cleared by F/W.
¾¾
Bit 2~Bit 6 Reserved bit
R/W
This bit is used to control whether the USB interrupt is output to the MCU in NAK respon.
SIES Function Table
The MISC register is actually a command + status to control the desired FIFO action and to show the status of the de-
sired FIFO. Every bit
¢s meaning and usage are listed as follows:
Bit No.
Function
Read/Write
Register Address
7
Len0
R/W
01000110B
6
Ready
R
5
SCMD
R/W
4
SELP1
R/W
3
SELP0
R/W
2
Clear
R/W
1
Tx
R/W
0
REQ
R/W
MISC (46H) Registers Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com