Electronic Components Datasheet Search
  English  ▼

X  

HT95R23 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT95R23
Description  I/O Type Phone 8-bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R23 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT95R23 Datasheet HTML 13Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 14Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 15Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 16Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 17Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 18Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
HT95R23
Rev. 1.00
17
March 25, 2008
Timer/Event Counters
The provision of timers form an important part of any
microcontroller, giving the designer a means of carrying
out time related functions. The device contains two
count-up timers of 16-bit capacity. As each timer has
three different operating modes, they can be configured
to operate as a general timer, an external event counter
or as a pulse width measurement device.
There are two types of registers related to the
Timer/Event Counters. The first are the registers that
contains the actual value of the Timer/Event Counter
and into which an initial value can be preloaded, and are
known as TMR0L/TMR0H and TMR1L/TMR1H. Read-
ing these register pairs retrieves the contents of the
Timer/Event Counters. The second type of associated
register are the Timer Control Registers, which defines
the timer options and determines how the Timer/Event
Counters are to be used, and have the name TMR0C
and TMT1C. The device can have the timer clock con-
figured to come from the internal clock source or from an
external timer pin.
An external clock source is used when the Timer/Event
Counter is in the event counting mode, with the clock
source being provided on the external timer pins. These
pins have the name TMR0 and TMR1. Depending upon
the condition of the T0E or T1E bit in the Timer Control
Register, each high to low, or low to high transition on
the external timer input pin will increment the
Timer/Event Counter by one.
Configuring the Timer/Event Counter Input Clock
Source
For Timer/Event Counter 0, the internal timer clock
source can originate from either the system clock/4 sys-
tem clock or from an external clock source. For
Timer/Event Counter 1, the internal timer clock source
can originate from the 32768Hz system clock or from an
external clock source. The system clock input timer
source is used when the timer is in the timer mode or in
the pulse width measurement mode.
An external clock source is used when the timer is in the
event counting mode, the clock source being provided
on the external timer pins TMR0 or TMR1. Depending
upon the condition of the T0E or T01 bit, each high to
low, or low to high transition on the external timer pin will
increment the counter by one.
Timer Registers
- TMR0L/TMR0H, TMR1L/TMR1H
The timer registers are special function register pairs lo-
cated in the Special Purpose Data Memory and is the
place where the 16-bit actual timer value is stored.
These register pairs are known as TMR0L/TMR0H and
TMR1L/TMR1H. The value in the timer register pair in-
creases by one each time an internal clock pulse is re-
ceived or an external transition occurs on the external
timer pin. The timer will count from the initial value
loaded by the preload register to the full count of FFFFH
at which point the timer overflows and an internal inter-
rupt signal is generated. The timer value will then be re-
set with the initial preload register value and continue
counting.
To achieve a maximum full range count of FFFFH the
preload register must first be cleared to all zeros. It
should be noted that after power-on, the preload register
will be in an unknown condition. Note that if the
Timer/Event Counter is switched off and data is written
to its preload register, this data will be immediately writ-
ten into the actual timer register. However, if the
Timer/Event Counter is enabled and counting, any new
data written into the preload data register during this pe-
riod will remain in the preload register and will only be
written into the timer register the next time an overflow
occurs.
Reading from and writing to these registers is carried
out in a specific way. It must be noted that when using in-
structions to preload data into the low byte register,
namely TMR0L or TMR1L, the data will only be placed in
a low byte buffer and not directly into the low byte regis-
ter. The actual transfer of the data into the low byte reg-
ister is only carried out when a write to its associated
high byte register, namely TMR0H or TMR1H, is exe-
cuted. Also, using instructions to preload data into the
high byte timer register will result in the data being di-
rectly written to the high byte register. At the same time
the data in the low byte buffer will be transferred into its
associated low byte register. For this reason, when
preloading data into the 16-bit timer registers, the low
byte should be written first. It must also be noted that to
read the contents of the low byte register, a read to the
high byte register must first be executed to latch the con-
tents of the low byte buffer from its associated low byte
register. After this has been done, the low byte register
can be read in the normal way. Note that reading the low
byte timer register directly will only result in reading the
previously latched contents of the low byte buffer and
not the actual contents of the low byte timer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com