Electronic Components Datasheet Search
  English  ▼

X  

HT95R23 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT95R23
Description  I/O Type Phone 8-bit MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R23 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT95R23 Datasheet HTML 14Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 15Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 16Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 17Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 18Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95R23 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 53 page
background image
HT95R23
Rev. 1.00
18
March 25, 2008
Timer Control Registers
- TMR0C, TMR1C
The flexible features of the Holtek microcontroller
Timer/Event Counters enable them to operate in three
different modes, the options of which are determined by
the contents of their control register, which has the
name TMR0C/TMR1C. It is the Timer Control Register
together with its corresponding timer register pair that
control the full operation of each Timer/Event Counter.
Before the Timer/Event Counter can be used, it is es-
sential that the Timer Control Register is fully pro-
grammed with the right data to ensure its correct
operation, a process that is normally carried out during
program initialisation.
To choose which of the three modes the Timer/Event
Counter is to operate in, either in the timer mode, the
event counting mode or the pulse width measurement
mode, bits 7 and 6 of the Timer Control Register, which
are known as the bit pair T0M1/T0M0 and T1M1/T1M0,
must be set to the required logic levels. The Timer/Event
Counter on/off bit, which is bit 4 of the Timer Control
Register, and known as T0ON and T1ON, provides the
basic on/off control of the Timer/Event Counter. Setting
the bit high allows the Timer/Event Counter to run, clear-
ing the bit stops it running. If the Timer/Event Counter is
in the event count or pulse width measurement mode,
the active transition edge level type is selected by the
logic level of bit 3 of the Timer Control Register which is
known as T0E and T1E.
1 6 - b i t
P r e l o a d R e g i s t e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
L o w B y t e B u f f e r
H i g h B y t e
L o w B y t e
1 6 - B i t T i m e r / E v e n t C o u n t e r
T M R 0
T 0 E
T i m e r / E v e n t C o u n t e r
M o d e C o n t r o l
T 0 O N
f S Y S / 4
T 0 M 1
T 0 M 0
16-bit Timer/Event Counter 0 Structure
1 6 - b i t
P r e l o a d R e g i s t e r
D a t a B u s
R e l o a d
O v e r f l o w
t o I n t e r r u p t
L o w B y t e B u f f e r
H i g h B y t e
L o w B y t e
1 6 - B i t T i m e r / E v e n t C o u n t e r
T M R 1
T 1 E
T i m e r / E v e n t C o u n t e r
M o d e C o n t r o l
T 1 O N
3 2 7 6 8 H z
T 1 M 1
T 1 M 0
16-bit Timer/Event Counter 1 Structure
T M R 0 C R e g i s t e r
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 7
E v e n t C o u n t e r A c t i v e E d g e S e l e c t
1 : c o u n t o n f a l l i n g e d g e
0 : c o u n t o n r i s i n g e d g e
T 0 E
T 0 O N
T 0 M 0
T 0 M 1
b 0
T i m e r / E v e n t C o u n t e r C o u n t i n g E n a b l e
1 : e n a b l e
0 : d i s a b l e
O p e r a t i n g M o d e S e l e c t
T 1 M 1
0
0
1
1
T 1 M 0
0
1
0
1
n o m o d e a v a i l a b l e
e v e n t c o u n t e r m o d e
t i m e r m o d e
p u l s e w i d t h m e a s u r e m e n t m o d e
P u l s e W i d t h M e a s u r e m e n t A c t i v e E d g e S e l e c t
1 : s t a r t c o u n t i n g o n r i s i n g e d g e , s t o p o n f a l l i n g e d g e
0 : s t a r t c o u n t i n g o n f a l l i n g e d g e , s t o p o n r i s i n g e d g e
N o t i m p l e m e n t e d , r e a d a s " 0 "
Timer/Event Counter 0 Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com