Electronic Components Datasheet Search
  English  ▼

X  

HT95R33 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT95R33
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R33 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT95R33 Datasheet HTML 26Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 27Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 28Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 29Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 30Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 31Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 32Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 33Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
HT95R33
Rev. 1.10
30
February 18, 2009
HALT
Instruction
MODE1
MODE0
UPEN
Operation
Mode
32768Hz
3.58MHz
System
Clock
Not executed
1
X
1
Normal
ON
ON
3.58MHz
Not executed
0
X
0
Green
ON
OFF
32768Hz
Executed
0
0
0
Sleep
ON
OFF
Stopped
Executed
0
1
0
Idle
OFF
OFF
Stopped
Note:
²X² means don¢t care
MODE0 will be cleared to 0 automatically after wake-up from Idle Mode.
M O D E R e g i s t e r
b 7
b 0
N o t i m p l e m e n t e d , r e a d a s " 0 "
M O D E 1 M O D E 0 U P E N
F r e q u e n c y u p c o n v e r s i o n t o g e n e r a t e 3 . 5 8 M H z e n a b l e
1 : e n a b l e
0 : d i s a b l e
3 2 7 6 8 H z o s c i l l a t o r e n a b l e w h i l e t h e H A L T i n s t r u c t i o n i s e x e c u t e
1 : d i s a b l e 3 2 7 6 8 H z o s c i l l a t o r ( I d l e m o d e )
0 : e n a b l e 3 2 7 6 8 H z o s c i l l a t o r ( S l e e p m o d e )
S y s t e m c l o c k s e l e c t
1 : s e l e c t 3 . 5 8 M H z a s C P U c l o c k s y s t e m
0 : s e l e c t 3 2 7 6 8 H z a s C P U c l o c k s y s t e m
MODE Register
Operation Mode, Power-down and Wake-up
There are four operational modes, known as the idle mode, sleep mode, green mode, and normal mode. The chosen
mode is selected using the MODE0, MODE1 and UPEN bits in the PFDC register but also depends upon whether the
HALT instruction has been executed or not.
Idle Mode
When the device enters this mode, the normal operating
current, will be reduced to an extremely low standby cur-
rent level. This occurs because when the device enters
the Power Down Mode, both the 3.58MHz and 32768Hz
system oscillators are stopped which reduces the power
consumption to extremely low levels, however, as the
device maintains its present internal condition, it can be
woken up at a later stage and continue running, without
requiring a full reset. This feature is extremely important
in application areas where the microcontroller must
have its power supply constantly maintained to keep the
device in a known condition but where the power supply
capacity is limited such as in battery applications.
Sleep Mode
In the Sleep Mode is similar to the mode, except here
the 32768Hz oscillator continues running after after the
HALT instruction has been executed. This feature en-
ables the device to continue with instruction execution
immediately after wake-up.
Green Mode
In the Green Mode, the 32768Hz oscillator is used as
the system clock for instruction execution. The following
conditions will force the microcontroller enter the Green
Mode:
· Any reset condition from any operational mode
· Any interrupt occurring during the Sleep Mode or Idle
mode
· A Port A Wake-up from the Sleep Mode or Idle Mode
Normal Mode
In the Normal mode the device uses the 3.58MHz gen-
erated by the frequency-up conversion circuit as the
system clock for instruction execution.
Changing the Operational Mode
Holtek
¢s telephone controllers support two system
clocks and four operational modes. The system clock
can be either 32768Hz or 3.58MHz and the operational
mode can be either Normal, Green, Sleep or Idle mode.
The operation mode is selected using software in the
following way:
· Normal mode to Green mode:
Clear bit MODE1 to 0, which will change the opera-
tional mode to the Green mode.
The UPEN bit status is not changed. However, the
UPEN bit can be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com