Electronic Components Datasheet Search
  English  ▼

X  

HT95R33 Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT95R33
Description  I/O Type Phone 8-bit MCU with DTMF Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R33 Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT95R33 Datasheet HTML 37Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 38Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 39Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 40Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 41Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 42Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 43Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 44Page - Holtek Semiconductor Inc HT95R33 Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
Application Circuits
Single-ended Input Application Circuits
HT95R33
Rev. 1.10
41
February 18, 2009
X 1
X 2
X C
3 n F
4 7 n F
1 5 k W
3 2 7 6 8 H z
V S S
K e y M a t r i x
H T 9 5 R 3 3
V D D
3 0 0 k W
0 . 1 m F
I / O
I / O
2
5
8
0
3
6
9
#
1
4
7
* / T
K e y 1
K e y 2
K e y 3
K e y 4
K e y 5
K e y 6
K e y 7
K e y 8
K e y 9
K e y 1 0
K e y 1 1
K e y 1 2
0 . 1 m F
D T M F
1 0 0 k W
1 0 0 k W
V P
V N
G S
V R E F
R T / G T
E S T
T M R 1
T M R 0
I N T
H K S
H F I
H D I
T e l e p h o n e C i r c u i t
a n d
S p e e c h N e t w o r k
V D D
5 . 1 V
1 0 0 m F
0 . 1 m F
D T M F
M U S I C
V D D
V D D
1 0 0 k W
0 . 1 m F
R E S
0 . 1 m F
D T M F O u t p u t
P F D O u t p u t
P C 1 ~ P C 4 ,
P C 6
P C 0
P C 5
P C 7
E x t r a I / O
I n t e r r u p t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com