Electronic Components Datasheet Search
  English  ▼

X  

HT95R35 Datasheet(PDF) 55 Page - Holtek Semiconductor Inc

Part # HT95R35
Description  Phone 8-Bit MCU with DTMF Receiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R35 Datasheet(HTML) 55 Page - Holtek Semiconductor Inc

Back Button HT95R35 Datasheet HTML 51Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 52Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 53Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 54Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 55Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 56Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 57Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 58Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 59Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
HT95R35
Rev. 1.00
55
October 7, 2009
PFD Data Register
Bit No.
Label
R/W
Function
7~0
¾
RW
PFD data register
PFDD (2FH) Register
PFD_Output_Frequency=
Prescaler_Output
2x(N 1)
+
, where N = the value of the PFD Data
RTC Function
When RTC 1000ms time-out occurs, the hardware will set the interrupt request flag RTCF and the RTCTO flag to
²1².
When the interrupt service routine is serviced, the interrupt request flag (RTCF) will be cleared to 0, but the flag RTCTO
remains in its original values. This bit (RTCTO) should be cleared only by software. However, next RTC interrupt will
still occur, even though the RTCTO flag is not cleared.
R T C C R e g i s t e r
b 0
N o t i m p l e m e n t e d , r e a d a s " 0 "
b 7
R T C F u n c t i o n E n a b l e
1 : e n a b l e
0 : d i s a b l e
R T C T i m e - o u t F l a g
1 : R T C t i m e - o u t o c c u r s
0 : R T C t i m e - o u t d o e s n o t o c c u r
R T C E N
N o t i m p l e m e n t e d , r e a d a s " 0 "
R T C T O
Voice Output
Voice Control
The voice control register controls the DAC circuit. If the
DAC circuit is not enabled, any DAH/DAL outputs will be
invalid. Selection the configuration option of PC1/AUD
for DAC audio output first and writing a
²1² to the
DACEN bit will enable the DAC circuit, while writing a
²0² to the DAC bit will disable the DAC circuit.
Audio Output and Volume Control
-
DAL, DAH, VOL, VOICEC
The audio output is 12-bits wide whose highest 8-bits
are written into the DAH register and whose lowest four
bits are written into the highest four bits of the DAL regis-
ter. Bits 0~3 of the DAL register are always read as zero.
There are 8 levels of volume which are setup using the
VOL register. Only the highest 3-bits of this register are
used for volume control, the other bits are not used and
read as zero.
V O I C E C R e g i s t e r
b 0
b 7
D A C E N
D A C E n a b l e
1 : e n a b l e
0 : d i s a b l e
N o t i m p l e m e n t e d , r e a d a s " 0 "
VOICE Control Register
D A L R e g i s t e r
b 7
b 0
N o t u s e d , r e a d a s " 0 "
D 3
D 2
D 1
D 0
A u d i o o u t p u t
Digital to Analog Data Low Register
D A H R e g i s t e r
b 7
b 0
D 1 1 D 1 0 D 9
D 8
A u d i o o u t p u t
D 7
D 6
D 5
D 4
Digital to Analog Data High Register
V O L R e g i s t e r
b 7
b 0
N o t u s e d , r e a d a s " 0 "
D A v o l u m e c o n t r o l d a t a
V O L 2 V O L 1 V O L 0
Volume Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com