Electronic Components Datasheet Search
  English  ▼

X  

HT95R35 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT95R35
Description  Phone 8-Bit MCU with DTMF Receiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R35 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT95R35 Datasheet HTML 11Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 12Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 13Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 14Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 15Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 16Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 17Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 18Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
HT95R35
Rev. 1.00
15
October 7, 2009
no actual read or write operation to these registers but
rather to the memory location specified by their corre-
sponding Memory Pointer, MP0 or MP1. Acting as a
pair, IAR0 and MP0 can together only access data from
Bank 0, while the IAR1 and MP1 register pair can ac-
cess data from both Bank 0 and Bank 1. As the Indirect
Addressing Registers are not physically implemented,
reading the Indirect Addressing Registers indirectly will
return a result of
²00H² and writing to the registers indi-
rectly will result in no operation.
Memory Pointer
- MP0, MP1
For all devices, two Memory Pointers, known as MP0
and MP1 are provided. These Memory Pointers are
physically implemented in the Data Memory and can be
manipulated in the same way as normal registers pro-
viding a convenient way with which to address and track
data. When any operation to the relevant Indirect Ad-
dressing Registers is carried out, the actual address that
the microcontroller is directed to, is the address speci-
fied by the related Memory Pointer. MP0, together with
Indirect Addressing Register, IAR0, are used to access
data from Bank 0 only, while MP1 and IAR1 are used to
access data from Banks 1~10.
The following example shows how to clear a section of
four RAM locations already defined as locations adres1
to adres4.
data .section
¢data¢
adres1
db ?
adres2
db ?
adres3
db ?
adres4
db ?
block
db ?
code .section at 0
¢code¢
org
00h
start:
mov a,04h
; setup size of block
mov block,a
mov a,offset adres1; Accumulator loaded with first RAM address
mov mp0,a
; setup memory pointer with first RAM address
loop:
clr IAR0
; clear the data at address defined by MP0
inc mp0
; increment memory pointer
sdz block
; check if last memory location has been cleared
jmp loop
continue:
The important point to note here is that in the example shown above, no reference is made to specific RAM addresses.
Bank Pointer
- BP
The Data Memory RAM is divided into eleven banks, known as Bank 0~Bank 10. All of the Special Purpose Registers
are contained in Bank 0. Selecting the required Data Memory area is achieved using the Bank Pointer. If data in Bank 0
is to be accessed, then the BP register must be loaded with the value
²00², while if data in Bank 1 is to be accessed,
then the BP register must be loaded with the value
²01² and so on for the other registers. Using Memory Pointer MP0
and Indirect Addressing Register IAR0 will always access data from Bank 0, irrespective of the value of the Bank
Pointer.
B P 3 , B P 2 , B P 1 , B P 0
D a t a M e m o r y
0
1
2
3
4
5
6
7
8
9
1 0
1 1 ~ 1 5
N o t i m p l e m e n t e d , r e a d a s " 0 "
8 K R O M b a n k s e l e c t b i t
N o t i m p l e m e n t e d , r e a d a s " 0 "
B a n k P o i n t e r
b 7
b 0
B P 0
B a n k 0
B a n k 1
B a n k 2
B a n k 3
B a n k 4
B a n k 5
B a n k 6
B a n k 7
B a n k 8
B a n k 9
B a n k 1 0
N o t i m p l e m e n t e d
B P 1
B P 2
B P 3
B P 5
Bank Pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com