Electronic Components Datasheet Search
  English  ▼

X  

HT1622 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT1622
Description  RAM Mapping 328 LCD Controller for I/O MCU
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1622 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT1622 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
3V
On-chip RC oscillator
24
32
40
kHz
5V
¾
External clock source
¾
32768
¾
Hz
fLCD
LCD Frame Frequency
3V
On-chip RC oscillator
48
64
80
Hz
5V
¾
External clock source
¾
64
¾
Hz
tCOM
LCD Common Period
¾
n: Number of COM
¾
n/fLCD
¾
sec
fCLK1
Serial Data Clock (WR pin)
3V
Duty cycle 50%
4
¾
150
kHz
5V
4
¾
300
kHz
fCLK2
Serial Data Clock (RD pin)
3V
Duty cycle 50%
¾¾
75
kHz
5V
¾¾
150
kHz
tCS
Serial Interface Reset Pulse Width
(Figure 3)
¾
CS
500
600
¾
ns
tCLK
WR,RD Input Pulse Width (Figure 1)
3V
Write mode
3.34
¾
125
ms
Read mode
6.67
¾¾
5V
Write mode
1.67
¾
125
ms
Read mode
3.34
¾¾
tr,tf
Rise/Fall Time Serial Data Clock Width
(Figure 1)
¾¾
¾
120
160
ns
tsu
Setup Time for DATA to WR,RD Clock
Width (Figure 2)
¾¾
60
120
¾
ns
th
Hold Time for DATA to WR,RD, Clock
Width (Figure 2)
¾¾
500
600
¾
ns
tsu1
Setup Time for CS to WR,RD Clock
Width (Figure 3)
¾¾
500
600
¾
ns
th1
Hold Time for CS to WR,RD Clock
Width (Figure 3)
¾¾
50
100
¾
ns
fTONE
Tone Frequency (2kHz)
3V
On-chip RC oscillator
1.5
2.0
2.5
kHz
5V
Tone Frequency (4kHz)
3V
On-chip RC oscillator
3
4
5
kHz
5V
tOFF
VDD OFF Times (Figure 4)
¾
VDD drop down to 0V
20
¾¾
ms
tSR
VDD Rising Slew Rate (Figure 4)
¾¾
0.05
¾¾
V/ms
Note:
1. If the conditions of Power-on Reset timing are not satisfied in power On/Off sequence, the internal
Power-on Reset (POR) circuit will not operate normally.
2. If the VDD drops below the minimum voltage of operating voltage spec. during operating, the conditions
of Power-on Reset timing must be satisfied also. That is, the VDD must drop to 0V and keep at 0V for
20ms (min.) before rising to the normal operating voltage.
HT1622
Rev. 2.00
6
June 9, 2009
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com