Electronic Components Datasheet Search
  English  ▼

X  

HT1622 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT1622
Description  RAM Mapping 328 LCD Controller for I/O MCU
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1622 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT1622 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 15Page - Holtek Semiconductor Inc HT1622 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Application Circuits
Note:
The connection of IRQ and RD pin can be selected depending on the requirement of the MCU.
The voltage applied to VLCD pin must be lower than VDD.
Adjust VR to fit LCD display, at VDD=5V, VLCD=4V, VR=15k
W±20%.
Adjust R (external pull-high resistance) to fit user
¢s time base clock.
Command Summary
Name
ID
Command Code
D/C
Function
Def.
READ
110
A5A4A3A2A1A0D0D1D2D3
D
Read data from the RAM
WRITE
101
A5A4A3A2A1A0D0D1D2D3
D
Write data to the RAM
READ-MODIFY-
WRITE
101
A5A4A3A2A1A0D0D1D2D3
D
Read and Write data to the RAM
SYS DIS
100
0000-0000-X
C
Turn off both system oscillator and LCD bias
generator
Yes
SYS EN
100
0000-0001-X
C
Turn on system oscillator
LCD OFF
100
0000-0010-X
C
Turn off LCD display
Yes
LCD ON
100
0000-0011-X
C
Turn on LCD display
TIMER DIS
100
0000-0100-X
C
Disable time base output
Yes
WDT DIS
100
0000-0101-X
C
Disable WDT time-out flag output
Yes
TIMER EN
100
0000-0110-X
C
Enable time base output
WDT EN
100
0000-0111-X
C
Enable WDT time-out flag output
TONE OFF
100
0000-1000-X
C
Turn off tone outputs
Yes
CLR TIMER
100
0000-1101-X
C
Clear the contents of the time base generator
CLR WDT
100
0000-1111-X
C
Clear the contents of WDT stage
RC 32K
100
0001-10XX-X
C
System clock source, on-chip RC oscillator
Yes
EXT 32K
100
0001-11XX-X
C
System clock source, external clock source
TONE 4K
100
010X-XXXX-X
C
Tone frequency output: 4kHz
TONE 2K
100
0110-XXXX-X
C
Tone frequency output: 2kHz
IRQ DIS
100
100X-0XXX-X
C
Disable IRQ output
Yes
IRQ EN
100
100X-1XXX-X
C
Enable IRQ output
HT1622
Rev. 2.00
12
June 9, 2009
PATENTED
B Z
I R Q
H T 1 6 2 2
D A T A
1 / 4 B i a s , 1 / 8 D u t y
C S
R D
W R
L C D P a n e l
C O M 0 ~ C O M 7
S E G 0 ~ S E G 3 1
B Z
*
R
*
P i e z o
V R
*
V D D
V L C D
M C U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com