Electronic Components Datasheet Search
  English  ▼

X  

HT1626 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT1626
Description  RAM Mapping 4816 LCD Controller for I/O MCU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1626 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT1626 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HT1626
Rev. 1.50
8
June 9, 2009
PATENTED
Functional Description
Display Memory
- RAM Structure
The static display RAM is organized into 192
´4 bits and
stores the display data. The contents of the RAM are di-
rectly mapped to the contents of the LCD driver. Data in
the RAM can be accessed by the READ, WRITE and
READ-MOD-
IFY-WRITE commands. The following is a mapping from
the RAM to the LCD patterns.
Time Base and Watchdog Timer
- WDT
The time base generator and WDT share the same di-
vided (/256) counter. TIMER DIS/EN/CLR, WDT
DIS/EN/CLR and IRQ EN/DIS are independent from each
other. Once the WDT time-out occurs, the IRQ pin will
remain at logic low level until the CLR WDT or the IRQ
DIS command is issued.
If an external clock is selected as the source of system
frequency, the SYS DIS command turns out invalid and
the power down mode fails to be carried out until the ex-
ternal clock source is removed.
Buzzer Tone Output
A simple tone generator is implemented in the HT1626.
The tone generator can output a pair of differential driv-
ing signals on the BZ and BZ which are used to generate
a single tone.
Command Format
The HT1626 can be configured by the software setting.
There are two mode commands to configure the
HT1626 resource and to transfer the LCD display data.
S E G 0
S E G 1
S E G 2
S E G 3
S E G 4 7
C O M 1 2
C O M 1 3
C O M 1 4
C O M 1 5
A d d r
1 9 1
3
7
1 1
1 5
C O M 0
C O M 1
C O M 2
C O M 3
A d d r
1 8 8
0
4
1 2
8
D a t a 4 B i t s
( D 3 , D 2 , D 1 , D 0 )
A d d r e s s 8 B i t s
( A 7 , A 6 , . . . . , A 0 )
D 3
D 2
D 1
D 0
D a t a
D 3
D 2
D 1
D 0
D a t a
RAM Mapping
9 0 %
5 0 %
1 0 %
G N D
W R , R D
C l o c k
t f
t r
t C L K
t C L K
V D D
Figure 1
5 0 %
V A L I D D A T A
5 0 %
D B
W R , R D
C l o c k
G N D
t s u
t h
V D D
V D D
G N D
Figure 2
C S
G N D
5 0 %
5 0 %
F I R S T
C l o c k
L A S T
C l o c k
G N D
W R , R D
C l o c k
t s u 1
t h 1
t C S
V D D
V D D
Figure 3
t S R
t O F F
V D D
0 V
Figure 4. Power-on Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com