Electronic Components Datasheet Search
  English  ▼

X  

HT1626 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT1626
Description  RAM Mapping 4816 LCD Controller for I/O MCU
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1626 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT1626 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 14Page - Holtek Semiconductor Inc HT1626 Datasheet HTML 15Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application Circuits
Note:
The connection of IRQ and RD pin can be selected depending on the requirement of the MCU.
The volatage applied to VLCD pin must be lower than VDD.
Adjust VR to fit LCD display, at VDD=5V, VLCD=4V, VR=15k
W±20%.
Adjust R (external pull-high resistance) to fit user
¢s time base clock.
Instruction Set Summary
Name
ID
Command Code
D/C
Function
Def.
READ
110 A7A6A5A4A3A2A1A0D0D1D2D3
D
Read data from the RAM
WRITE
101 A7A6A5A4A3A2A1A0D0D1D2D3
D
Write data to the RAM
READ-MODIFY-
WRITE
101 A7A6A5A4A3A2A1A0D0D1D2D3
D
Read and Write data to the RAM
SYS DIS
100 0000-0000-X
C
Turn off both system oscillator and LCD
bias generator
Yes
SYS EN
100 0000-0001-X
C
Turn on system oscillator
LCD OFF
100 0000-0010-X
C
Turn off LCD display
Yes
LCD ON
100 0000-0011-X
C
Turn on LCD display
TIMER DIS
100 0000-0100-X
C
Disable time base output
Yes
WDT DIS
100 0000-0101-X
C
Disable WDT time-out flag output
Yes
TIMER EN
100 0000-0110-X
C
Enable time base output
WDT EN
100 0000-0111-X
C
Enable WDT time-out flag output
TONE OFF
100 0000-1000-X
C
Turn off tone outputs
Yes
CLR TIMER
100 0000-1101-X
C
Clear the contents of the time base
generator
CLR WDT
100 0000-1111-X
C
Clear the contents of the WDT stage
RC 32K
100 0001-10XX-X
C
System clock source, on-chip RC
oscillator
Yes
HT1626
Rev. 1.50
12
June 9, 2009
PATENTED
B Z
I R Q
H T 1 6 2 6
D A T A
1 / 5 B i a s , 1 / 1 6 D u t y
C S
R D
W R
L C D P a n e l
C O M 0 ~ C O M 1 5
S E G 0 ~ S E G 4 7
B Z
*
O n - c h i p O S C
C l o c k O u t
E x t e r n a l C l o c k 1 ( 3 2 k H z )
E x t e r n a l C l o c k 2 ( 3 2 k H z )
C r y s t a l
3 2 7 6 8 H z
R*
O S C I
O S C O
V R
*
V D D
V L C D
P i e z o
M C U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com