Electronic Components Datasheet Search
  English  ▼

X  

HT1647A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT1647A
Description  6416 LCD Controller for I/O MCU
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT1647A Datasheet HTML 1Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 2Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 3Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 4Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 5Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 6Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 7Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 8Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Block Diagram
Pin Assignment
HT1647A
Rev. 1.20
2
June 22, 2009
PATENTED
W a t c h d o g T i m e r
&
T i m e B a s e G e n e r a t o r
D i s p l a y R A M
L C D D r i v e r /
B i a s C i r c u i t
C o n t r o l
&
T i m i n g
C i r c u i t
W R
O S C I
C S
R D
C O M 0
C O M 1 5
S E G 0
S E G 6 3
T o n e F r e q u e n c y
G e n e r a t o r
B Z
B Z
I R Q
V S S
V D D
V L C D
O S C O
D B 0
D B 3
N o t e : C S : C h i p s e l e c t i o n
B Z , B Z : T o n e o u t p u t s
W R , R D : W R I T E c l o c k , R E A D c l o c k
D B 0 ~ D B 3 : D a t a b u s
C O M 0 ~ C O M 1 5 , S E G 0 ~ S E G 6 3 : L C D o u t p u t s
I R Q : T i m e b a s e o r W D T o v e r f l o w o u t p u t
3 1
5 0
5 1
8 0
8 1
1 0 0
1
3 0
C S
R D
W R
D B 0
D B 1
D B 2
D B 3
V S S
O S C I
O S C O
V D D
V L C D
I R Q
B Z
B Z
T 1
T 2
T 3
T 4
N C
C O M 0
C O M 1
C O M 2
C O M 3
C O M 4
C O M 5
C O M 6
C O M 7
C O M 8
C O M 9
S E G 1 4
S E G 1 5
S E G 1 6
S E G 1 7
S E G 1 8
S E G 1 9
S E G 2 0
S E G 2 1
S E G 2 2
S E G 2 3
S E G 2 4
S E G 2 5
S E G 2 6
S E G 2 7
S E G 2 8
S E G 2 9
S E G 3 0
S E G 3 1
S E G 3 2
S E G 3 3
S E G 3 4
S E G 3 5
S E G 3 6
S E G 3 7
S E G 3 8
S E G 3 9
S E G 4 0
S E G 4 1
S E G 4 2
S E G 4 3
H T 1 6 4 7 A
1 0 0 Q F P - A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com