Electronic Components Datasheet Search
  English  ▼

X  

HT1647A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT1647A
Description  6416 LCD Controller for I/O MCU
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT1647A Datasheet HTML 1Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 2Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 3Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 4Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 5Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 6Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 7Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 8Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pad No.
X
Y
Pad No.
X
Y
Pad No.
X
Y
11
-1512.50
101.25
45
781.30
-1410.00
79
900.60
1407.45
12
-1512.50
6.25
46
876.30
-1410.00
80
805.60
1407.45
13
-1512.50
-88.75
47
971.30
-1410.00
81
710.60
1407.45
14
-1512.50
-183.75
48
1066.30
-1410.00
82
615.60
1407.45
15
-1512.50
-278.75
49
1161.30
-1410.00
83
520.60
1407.45
16
-1512.50
-373.75
50
1256.30
-1410.00
84
425.60
1407.45
17
-1512.50
-468.75
51
1351.30
-1410.00
85
330.60
1407.45
18
-1512.50
-563.75
52
1446.30
-1410.00
86
235.60
1407.45
19
-1512.50
-658.75
53
1512.50
-949.55
87
140.60
1407.45
20
-1512.50
-753.75
54
1512.50
-845.55
88
45.60
1407.45
21
-1512.50
-848.75
55
1512.50
-759.55
89
-49.40
1407.45
22
-1512.50
-943.75
56
1512.50
-664.55
90
-144.40
1407.45
23
-1441.90
-1095.00
57
1512.50
-569.55
91
-239.40
1407.45
24
-1441.90
-1190.00
58
1512.50
-474.55
92
-334.40
1407.45
25
-1441.90
-1295.60
59
1512.50
-379.55
93
-429.40
1407.45
26
-1240.80
-1310.40
60
1512.50
-284.55
94
-524.40
1407.45
27
-1145.80
-1310.40
61
1512.50
-166.15
95
-619.40
1407.45
28
-1040.20
-1310.40
62
1512.50
-71.15
96
-714.40
1407.45
29
-945.20
-1310.40
63
1512.50
23.85
97
-809.40
1407.45
30
-842.00
-1310.40
64
1512.50
118.85
98
-904.40
1407.45
31
-743.30
-1310.40
65
1512.50
213.85
99
-999.40
1407.45
32
-637.70
-1310.40
66
1512.50
308.85
100
-1094.40
1407.45
33
-542.70
-1310.40
67
1512.50
403.85
101
-1189.40
1407.45
34
-437.10
-1310.40
68
1512.50
498.85
102
-1284.40
1407.45
Pad Description
Pad No.
Pad Name
I/O
Description
23
CS
I
Chip selection input with pull-high resistor. When the CS is logic high, the data
and command read from or write to the HT1647A are disabled. The serial inter-
face circuit is also reset. But if the CS is at a logic low level and is input to the CS
pad, the data and command transmission between the host controller and the
HT1647A are all enabled.
24
RD
I
READ clock input with pull-high resistor. Data in the RAM of the HT1647A are
clocked out on the rising edge of the RD signal. The clocked out data will appear
on the data line. The host controller can use the next falling edge to latch the
clocked out data.
25
WR
I
WRITE clock input with pull-high resistor. Data on the DATA line are latched into
the HT1647A on the rising edge of the WR signal.
26~29
DB0~DB3
I/O
Parallel data input/output with a pull-high resistor
30
VSS
¾ Negative power supply for logic circuit, ground
31
OP1
I
Used to select D3, D1 or D2, D0; OP1 input with pull-low resistor.
32
OP2
I
OP2 and OP3 are used to select two of four level gray scale; OP2 input with
pull-high resistor.
33
OSCI
I
The OSCI and OSCO pads are connected to a 32.768kHz crystal in order to gen-
erate a system clock. If the system clock comes from an external clock source, the
external clock source should be connected to the OSCI pad. But if an on-chip RC
oscillator is selected, the OSCI and OSCO pads can be left open.
34
OSCO
O
35
OP3
I
OP2 and OP3 are used to select two of four level gray scale ; OP3 input with
pull-high resistor.
HT1647A
Rev. 1.20
4
June 22, 2009
PATENTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com