Electronic Components Datasheet Search
  English  ▼

X  

HT7936A Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT7936A
Description  White LED Step-up Charge Pump Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7936A Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT7936A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 9Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 10Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 11Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 12Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 13Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 14Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 15Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 16Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Package Information
6-pin SOT23-6 Outline Dimensions
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
1.0
¾
1.3
A1
¾¾
0.1
A2
0.7
¾
0.9
b
0.35
¾
0.50
C
0.10
¾
0.25
D
2.7
¾
3.1
E
1.4
¾
1.8
e
¾
1.9
¾
H
2.6
¾
3.0
L
0.37
¾¾
q
1
°¾
9
°
HT7936A/HT7936B
Rev 1.00
13
December 28, 2009
D
H
E
e
A 2
b
A 1
A
C
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com