Electronic Components Datasheet Search
  English  ▼

X  

HT7936A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT7936A
Description  White LED Step-up Charge Pump Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7936A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT7936A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7936A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HT7936A/HT7936B
Rev 1.00
4
December 28, 2009
Functional Description
These DC-DC step-up converters can generate fixed
level output voltages higher than their input supply volt-
age.
Operation
Utilising a charge pump method with three external ca-
pacitors to store and transfer energy, the devices can
transfer electrical energy from input to output at different
voltage levels. Since the capacitors are not able to
change their voltage level abruptly, the VOUT/VIN voltage
ratio of VOUT over VIN is limited within a fixed range. Ca-
pacitive voltage conversion is obtained by the periodic
switching of a capacitor. It first charges the capacitor
CPUMP by connecting it across a voltage source after
which it is connected to the output. Referring to Fig-
ure.1, during the on state of the internal clock, M1 and
M3 are closed, M2 and M4 are opened, which charges
CPUMP to a VIN level. During the off state of the internal
clock, M2 and M4 are closed, M1 and M3 are opened,
which transfers the energy to the output. The output
voltage is therefore VIN plus VCPUMP, which is in effect
equal to 2VIN.
Shutdown
The devices can be shutdown by setting the EN input
pin to a low level. In the shutdown mode, the output is
disconnected from the input. The input current will re-
duce to an extremely low level as most of the internal cir-
cuitry is inactive. As the EN pin is a high impedance
input, it must not be allowed to float.
Short Circuit Protection
The devices contain integrated short circuit protection
circuits with current limiting protection. During a short
circuit condition, the output current is automatically lim-
ited to a typical value of approximately 60mA. If the fault
does not clear itself, the protect operation will repeat
continuously. This protection feature allows the devices
to operate indefinitely under short circuit conditions
without damaging the device.
Capacitor Selection
Careful selection of the three external capacitors CIN,
COUT and CPUMP is important because they will affect
ramp-up time, output ripple and transient performance.
Optimum performance will be obtained when low ESR
(<100m
W) ceramic capacitors are used for CIN and
COUT and CPUMP.
In general, a low ESR may be defined as less than
100m
W. In all cases, X7R or X5R dielectrics are recom-
mended. For certain applications, low ESR Tantalum
capacitors may be substituted, however optimum output
ripple performance may not be attainable. Aluminum
electrolytic capacitors are not recommended for use
with these devices due to their inherent high ESR char-
acteristics.
In general the CIN,COUT and CPUMP capacitors may
range from 1
mFto10mF for heavy output load condi-
tions. If the CPUMP capacitor is increased, then COUT
should also be increased by the same ratio to minimise
output ripple. Lowering the values of CIN,COUT and
CPUMP may decrease the ramp-up time of VOUT, but it
will inversely increase the output ripple.
Efficiency
The efficiency of the charge pump regulator varies with
the output voltage type, the applied input voltage, the
load current and the internal operation mode of the de-
vice.
The approximate device efficiency is given by:
Due to internal switching losses and IC quiescent cur-
rent consumption, the actual measured efficiency will
decrease.
V O U T
C O U T
C I N
M 1
M 2
M 3
M 4
V I N
C P U M P
Figure.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com