Electronic Components Datasheet Search
  English  ▼

X  

HT7936B Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7936B
Description  White LED Step-up Charge Pump Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7936B Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7936B Datasheet HTML 1Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 2Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 3Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 4Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 5Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 6Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 7Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 8Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Typical Operating Characteristics
For HT7936A, CIN=COUT=2.2
mF, CPUMP=0.22mF, Ta=25°C, unless otherwise specified
HT7936A/HT7936B
Rev 1.00
5
December 28, 2009
HT7936A Output Voltage vs. Output Current
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
10
20
30
40
50
60
70
80
90
100 110
Output Current(mA)
VIN=2.8V
VIN=3V
VIN=3.2V
VIN=3.7V
VIN=4.2V
VIN=5V
HT7936A Operation Current vs. Input Voltage
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.8
3.0
3.3
3.5
3.8
4.0
4.3
4.5
4.8
5.0
Input Voltage(V)
IQ
IQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com