Electronic Components Datasheet Search
  English  ▼

X  

HT7936B Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7936B
Description  White LED Step-up Charge Pump Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7936B Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7936B Datasheet HTML 1Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 2Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 3Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 4Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 5Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 6Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 7Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 8Page - Holtek Semiconductor Inc HT7936B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HT7936A/HT7936B
White LED Step-up Charge Pump Converter
Selection Table
Part No.
Output Voltage
Tolerance
Package
HT7936A
5.0V
±4%
SOT23-6
HT7936B
4.5V
±4%
SOT23-6
Rev 1.00
1
December 28, 2009
Features
· Input voltage range: 2.8V to VOUT
· Driving current: 110mA (HT7936A),
150mA (HT7936B)
· Fixed output voltage: 5V (HT7936A),
4.5V (HT7936B)
· Oscillator frequency: 1MHz
· Soft start function, current limit,
short circuit protection
· Small outline SOT23-6 package
Applications
· Cellular phones
· PDAs
· DSCs
· Handheld devices
· White LED display backlighting
General Description
The HT7936A and HT7936B are charge-pump type
DC-DC step-up converter devices, which can generate
regulated fixed output voltages of 5.0V and 4.5V. Their
high degree of functional integration requires only the
addition of three external capacitors, namely a flying ca-
pacitor and an input and output capacitor, to implement
a full step-up conversion function.
The devices have the additional benefit of an integrated
soft start function to reduce the level of in-rush current
during device power on. The operating voltage range is
from 2.8V to the full output voltage value, VOUT.
To meet the demands of today
¢s power sensitive appli-
cations, the devices, have a very low standby current
value as well as the extra safety features of current limit
and short circuit protection. This range of device fea-
tures, supplied in 6-pin SOT-23-6 package type, will en-
sure that these device will find excellent use in a wide
range of DC-DC step-up converter applications.


Similar Part No. - HT7936B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7936B HOLTEK-HT7936B Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
More results

Similar Description - HT7936B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Torex Semiconductor
XC9801 TOREX-XC9801 Datasheet
103Kb / 10P
Step-Up Charge Pump ICs
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A_10 Datasheet
1Mb / 16P
White LED Step-up Charge Pump Converter
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
logo
Holtek Semiconductor In...
HT7936A HOLTEK-HT7936A_16 Datasheet
1Mb / 15P
White LED Step-up Charge Pump Converter
June 25, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com