Electronic Components Datasheet Search
  English  ▼

X  

MMA7455L Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MMA7455L
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455L Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MMA7455L Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Sensors
12
Freescale Semiconductor
MMA7455L
PULSE DETECTION
In Pulse Mode, all functions can be active including measurements, level detections and pulse detection. There are two interrupt
pins available for detection of level and pulse conditions. The pulse detection has several timing windows associated with it. A
single pulse and a double pulse can be detected. Also freefall can be detected. The interrupt pins can be assigned to detect the
first pulse on one interrupt and the second pulse on the other interrupt. This is explained on Page 15, under the Assigning, Clear-
ing & Detecting Interrupts section.
By default all three axes are enabled and the detection range is 8g only. X and/or Y and/or Z can be disabled. There is a choice
between doing a detection for Motion detection vs. doing a detection for Freefall.
$18: Control 1 (Read/Write): Disable X, Y or Z for Pulse Detection
This allows the user to define how many axes to use for detection. All axes are enabled by default. To disable write 1
XDA: Disable X
YDA: Disable Y
ZDA: Disable Z.
$19: Control 2 (Read/Write): Motion Detection (OR condition) or Freefall Detection (AND condition)
PDPL
0: Pulse detection polarity is positive and detecting condition is OR 3 axes.
1: Pulse detection polarity is negative and detecting condition is AND 3 axes.
CASE 1: Single Pulse Motion Detection: X or Y or Z > Pulse Threshold for Time < Pulse Duration
For motion detection with single pulse the device must be in pulse mode. PDPL in Register $19 =0 for “OR” motion condition.
The Pulse threshold must be set in Register $1B and the pulse duration time window must also be set using Register $1C. The
pulse must be detected before the time window closes for the interrupt to trigger.
D7
D6
D5
D4
D3
D2
D1
D0
Reg $18
DFBW
THOPT
ZDA
YDA
XDA
INTREG[1]
INTREG[0]
INTPIN
Function
00
000
000
Default
D7
D6
D5
D4
D3
D2
D1
D0
Reg $19
--
--
--
--
--
DRVO
PDPL
LDPL
Function
00000000
Default
$1B: Pulse Detection Threshold Limit Value (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Reg $1B
PDTH[7]
PDTH[6]
PDTH[5]
PDTH[4]
PDTH[3]
PDTH[2]
PDTH[1]
PDTH[0]
Function
00
00
00
00
Default
$1C: Pulse Duration Value (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Reg $1C
PD[7]
PD[6]
PD[5]
PD[4]
PD[3]
PD[2]
PD[1]
PD[0]
Function
00
000
001
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com