Electronic Components Datasheet Search
  English  ▼

X  

MMA7455L Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MMA7455L
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455L Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MMA7455L Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Sensors
14
Freescale Semiconductor
MMA7455L
CASE 3: Double Pulse Detection: X OR Y OR Z > Threshold for Pulse Duration1 < PDTime1, Latency Time, AND
X OR Y OR Z > Threshold for Pulse Duration2 < PDTime2
For motion detection with double pulse the device must be in pulse mode. PDPL in Register $19 =0 for “OR” motion condition.
The Pulse Threshold must be set in Register $1B and the Pulse Duration Time Window must also be set using Register $1C.
Then the Latency Time (time between pulses) must be set in Register $1D and then the Second Time Window must be set in
Register $1E for the time window of the second pulse. The pulse must be detected before the time window closes for the interrupt
to trigger.
When any of the events are detected, the interrupt pin (either INT1 or INT2) will go high. The interrupt pin assignment is set
up in Register $18, discussed in the Assigning, Clearing & Detecting Interrupts section on Page 15. The detection status is
monitored by the detection source register $0A.
Figure 6. Double Pulse Detection
$1B: Pulse Detection Threshold Limit Value (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Reg $1B
PDTH[7]
PDTH[6]
PDTH[5]
PDTH[4]
PDTH[3]
PDTH[2]
PDTH[1]
PDTH[0]
Function
00000000
Default
$1C: Pulse Duration Value (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Reg $1C
PD[7]
PD[6]
PD[5]
PD[4]
PD[3]
PD[2]
PD[1]
PD[0]
Function
00
000
001
Default
$1D: Latency Time Value (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Reg $1D
LT[7]
LT[6]
LT[5]
LT[4]
LT[3]
LT[2]
LT[1]
LT[0]
Function
00
00
00
01
Default
$1E: Time Window for 2nd Pulse Value (Read/Write)
D7
D6
D5
D4
D3
D2
D1
D0
Reg $1E
TW[7]
TW[6]
TW[5]
TW[4]
TW[3]
TW[2]
TW[1]
TW[0]
Function
0
000
000
0
Default
Pulse Detection
Time Window
G
th
G
Detection Source
Register
Latency Time Window
(2nd pulse ignored here)
Pulse Detection Time Window for
2nd pulse
Time
PDX or PDY or PDZ bit in Detection
source register is set.
Time Window >0 for 2 pulse detect
INT
Time
Time
Double Pulse Detection ($19 PDPL=0 indicating motion detection)
Time Window for 2nd pulse $1E TW>0 indicating double pulse
*Note th ere is up to 1.6ms
delay on the interrupt signal
*Note there is up to 1.6ms
delay on the interrupt sign al



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com