Electronic Components Datasheet Search
  English  ▼

X  

MAB03063 Datasheet(PDF) 1 Page - Powerbox

Part # MAB03063
Description  3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MAB03063 Datasheet(HTML) 1 Page - Powerbox

  MAB03063 Datasheet HTML 1Page - Powerbox MAB03063 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
154
MAB 03 Series
3
W A TTS
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
Features
•
2:1 Input range
•
Meet EN55022 class B
•
500 VDC isolation voltage
•
24-pin DIP Package
•
Efficiency to 80 %
Specifications
INPUT
Nominal voltage
12V, 24V, 48V.
Voltage range
9-18V, 18-36V, 36-72V.
Isolation
500VDC (3kV available).
Filter
PI-type
OUTPUT
Power
3W.
Regulation
Line:±0.5%.
Load:Single: ±0.5 %. 10% min load is required
to meet specification.
Dual: ±1%. 25% min load is required to meet
specification.
Setting accuracy
± 2%.
Ripple and noise
5 V:max. 100 mVp-p.
12/15 V:max. 1% p-p.
Short circuit protection
Fold-back. Approx 80% of output current at
short circuit.
Temp coefficient
±0.05 %/°C.
Efficiency
70-80 %.
ENVIRONMENTAL
Operating temperature
–25°C to +71°C.
Storage temperature
–40°C to +100°C.
Cooling
Convection.
GENERAL
MTTF
200 000 hours at 25°C ambient.
Switching frequency
Min. 100 kHz.
Equivalent capacitance
650 pF.
Case
Non-conductive black plastic.
Dimensions (H x W x L)
12.7 x 20.3 x 31.8 mm.
Weight
15g.
STANDARDS
EMI standards
EN55022 Class B.
C-Tick
AS/NZS CISPR11 Group 1 Class A


Similar Part No. - MAB03063

ManufacturerPart #DatasheetDescription
logo
Powerbox
MAB05 POWERBOX-MAB05 Datasheet
525Kb / 2P
4-6 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAB06 POWERBOX-MAB06 Datasheet
699Kb / 2P
3W SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAB06006 POWERBOX-MAB06006 Datasheet
699Kb / 2P
3W SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAB06009 POWERBOX-MAB06009 Datasheet
699Kb / 2P
3W SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAB06012 POWERBOX-MAB06012 Datasheet
699Kb / 2P
3W SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - MAB03063

ManufacturerPart #DatasheetDescription
logo
Powerbox
E01 POWERBOX-E01 Datasheet
306Kb / 1P
1.5-3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
F01 POWERBOX-F01 Datasheet
493Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAC14 POWERBOX-MAC14 Datasheet
493Kb / 2P
5-6 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD23 POWERBOX-MAD23 Datasheet
472Kb / 2P
5-7.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD24 POWERBOX-MAD24 Datasheet
510Kb / 2P
8-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE25 POWERBOX-MAE25 Datasheet
508Kb / 2P
15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBBA-0505A POWERBOX-PBBA-0505A Datasheet
161Kb / 6P
1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
SFS10481R2 POWERBOX-SFS10481R2 Datasheet
523Kb / 2P
10 - 30 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com