Electronic Components Datasheet Search
  English  ▼

X  

MAB03063 Datasheet(PDF) 2 Page - Powerbox

Part # MAB03063
Description  3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MAB03063 Datasheet(HTML) 2 Page - Powerbox

  MAB03063 Datasheet HTML 1Page - Powerbox MAB03063 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
155
MAB 03 Series
3
W A TTS
SINGLE
&
DUAL
OUTPUT
DC/DC
INDUSTRIAL
POWERBOX
ARTICLE
NUMBER
INPUT
VOLTAGE
VDC
OUTPUT
VOLTAGE
VDC
OUTPUT
CURRENT
MA
INPUT CURRENT
NO LOAD
MA
INPUT CURRENT
FULL LOAD
MA
MAB 03 024
9-18
3.3
600
7.5
254
MAB 03 027
9-18
5
600
7.5
340
MAB 03 030
9-18
12
250
7.5
320
MAB 03 033
9-18
15
200
7.5
320
MAB 03 036
9-18
±5
300
12
340
MAB 03 039
9-18
±12
125
12
320
MAB 03 042
9-18
±15
100
12
320
MAB 03 045
18-36
3.3
600
5
125
MAB 03 048
18-36
5
600
5
168
MAB 03 051
18-36
12
250
5
156
MAB 03 054
18-36
15
200
5
156
MAB 03 057
18-36
±5
300
7.5
168
MAB 03 060
18-36
±12
125
7.5
156
MAB 03 063
18-36
±15
100
7.5
156
MAB 03 066
36-72
3.3
600
3
61
MAB 03 069
36-72
5
600
2
82
MAB 03 072
36-72
12
250
2
78
MAB 03 075
36-72
15
200
2
78
MAB 03 078
36-72
±5
300
3
82
MAB 03 081
36-72
±12
125
3
80
MAB 03 084
36-72
±15
100
3
80
For isolation voltage 3kV add suffix -H to the article number. Ex MAB 03 024H.
PIN
SINGLE
OUTPUT
DUAL
OUTPUT
1
+V Input
+V Input
2
NC
-V Output
3
NC
Common
9
NP
NP
10
-V Output
Common
11
+V Output
+V Output
12
-V Input
-V Input
13
-V Input
-V Input
14
+V Output
+V Output
15
-V Output
Common
16
NP
NP
17
NP
NP
22
NC
Common
23
NC
-V Output
24
+V Input
+V Input
NC = No connection with pin.
NP = No pin.
PIN
SINGLE
OUTPUT
DUAL
OUTPUT
1
NP
NP
2
-V Input
-V Input
3
-V Input
-V Input
9
NC
Common
10
NC
NC
11
NC
-V Output
12
NP
NP
13
NP
NP
14
+V Output
+V Output
15
NC
NC
16
-V Output
Common
17
NP
NP
22
+V Input
+V Input
23
+V Input
+V Input
24
NP
NP
Standard Pin Connection 500VDC
Pin Connection 3KVDC
Selection Table



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com