Electronic Components Datasheet Search
  English  ▼

X  

PD40-10 Datasheet(PDF) 3 Page - Powerbox

Part # PD40-10
Description  40-110 WATTS WIDE INPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PD40-10 Datasheet(HTML) 3 Page - Powerbox

  PD40-10 Datasheet HTML 1Page - Powerbox PD40-10 Datasheet HTML 2Page - Powerbox PD40-10 Datasheet HTML 3Page - Powerbox PD40-10 Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
124
PD Series
40-110 W A TTS WIDE INPUT
NOTES
1. All multi-output units may be operated at no load without damage. At no load, output tolerance increases to 10%.
2. Suffix codes for mechanical format and input range are as follows: PD65-XXYZ; “XX” is the model code from the above table, “Y” is the input range (L =
10–30VDC, M = 20–60VDC, H = 30–90VDC) and “Z” is the mechanical format (A = open PCB, B = L-bracket, C = enclosed), eg, PD65-31MC (20–60VDC input
range, enclosed).
3. The models for 10–30VDC input range are suitable only for 70% of the above stated maximum output power.
MAXIMUM
OUTPUT
POWER
MODEL
NUMBER
OUTPUT #1
OUTPUT #2
OUTPUT #3
OUTPUT #4
VNOM. IMIN. IMAX. TOL. VNOM.
IMIN. IMAX. TOL. VNOM. IMIN. IMAX. TOL. VNOM. IMIN. IMAX. TOL.
PD65-10
5V
0A
10A
1%
50W
PD65-12
12V
0A
5.5A
1%
65W
PD65-13
15V
0A
4.5A
1%
65W
PD65-14
24V
0A
3.0A
1%
65W
PD65-23
+5V
1A
6.0A
3%
+12V
0.5A
3A
5%
65W
PD65-24
+5V
1A
6.0A
3%
+15V
0.4A
3A
5%
65W
PD65-25
+5V
1A
6.0A
3%
+24V
0.3a
2a
5%
65W
PD65-30
+5V
1A
6.0A
3%
+12V
0.5A
3A
5%
-5V
0.1A
0.5A
10%
65W
PD65-31
+5V
1A
6.0A
3%
+12V
0.5A
3A
5%
-12V
0.1A
0.5A
10%
65W
PD65-32
+5V
1A
6.0A
3%
+15V
0.4A
3A
5%
-15V
0.1A
0.5A
10%
65W
PD65-33
+5V
1A
6.0A
3%
+15V
0.4A
3A
5%
-12V
0.1A
0.5A
10%
65W
PD65-39
+5V
1A
6.0A
3%
+24V
0.3A
2A
5%
-12V
0.1A
0.5A
10%
65W
PD65-40
+5V
1A
6.0A
3%
+12V
0.5A
3A
5%
-12V
0.1A
0.5A
10%
-5V
0.1A
0.5A
10%
65W
MODEL
PIN 1
PIN 2
PIN 3
PIN 4
PIN 5
PIN 6
PIN 7
PIN 8
PD65-10
PD65-12
OUTPUT
OUTPUT
OUTPUT
OUTPUT
RETURN
RETURN
RETURN
RETURN
PD65-13
PD65-14
#1
#1
#1
#1
PD65-23
PD65-24
OUTPUT
OUTPUT
COMMON
COMMON
OUTPUT
OUTPUT
N/C
N/C
PD65-25
#1
#1
RETURN
RETURN
#2
#2
PD65-30
PD65-31
OUTPUT
OUTPUT
COMMON
COMMON
OUTPUT
OUTPUT
OUTPUT
N/C
PD65-32
PD65-33
#1
#1
RETURN
RETURN
#2
#2
#3
PD65-39
OUTPUT
OUTPUT
OUTPUT
COMMON
COMMON
OUTPUT
OUTPUT
OUTPUT
PD65-40
#1
#1
RETURN
RETURN
#2
#2
#3
#4
Selection Table
PD65 SERIES (65W)
Pin chart
Technical Illustration
PD65 ENCLOSED
NOTES
1. Dimensions shown in inch (mm)
2. Tolerance 0.02 (0.5) maximum
3. Input connector mates with Molex housing 09-50-3031
and Molex 2878 series crimp terminal
4. Output connector mates with Molex housing 09-50-3081
and Molex 2878 series crimp terminal
5. Weight: 380 grams approx (PCB format)
6. For the mechanical details of L-bracket and enclosed
formats please consult sales office



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com