Electronic Components Datasheet Search
  English  ▼

X  

PD40-10 Datasheet(PDF) 1 Page - Powerbox

Part # PD40-10
Description  40-110 WATTS WIDE INPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PD40-10 Datasheet(HTML) 1 Page - Powerbox

  PD40-10 Datasheet HTML 1Page - Powerbox PD40-10 Datasheet HTML 2Page - Powerbox PD40-10 Datasheet HTML 3Page - Powerbox PD40-10 Datasheet HTML 4Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
122
PD Series
40-110 W A TTS WIDE INPUT
Features
•
Low cost
•
100% burn-in
•
Small size, light weight
•
Overvoltage protection
•
Overcurrent protection
•
Three wide input ranges:
10–30VDC, 20–60VDC, 30–90VDC
Specifications
INPUT
Input voltage
10–30VDC (PD40 & 65 – L series)
20–60VDC (PD40 & 65 – M series)
30–90VDC (PD40 & 65 – H series)
10–20VDC (PD110 – L series)
18–36VDC (PD110 – M series)
36–72VDC (PD110 – H series)
Input current
4.1A (rms) for 24VDC typical for PD65
2.1A (rms) for 48VDC typical for PD65
1.5A (rms) for 72VDC typical for PD65
OUTPUT
Output voltage/current
See rating chart
Total output power
40W, 65W and 110W
Ripple & noise
1% pk-pk max.
Overvoltage protection
Set at 112–132% of its nominal output voltage
Overcurrent protection
All outputs protected to short circuit conditions
Temperature coefficient
All outputs ±0.04% per °C maximum
Transient response
Maximum excursion of 4% or better on all models,
recovering to 1% of final value within 500µs after
a 25% step load change
Output derating
See notes
OPERATING
MTBF
100,000 hours minimum at full load at 25°C ambient
Switching frequency
32kHz ±5kHz
Efficiency
70% minimum at full load
Line regulation
±0.5% maximum at full load
Withstand voltage
1000VDC from input to output
ENVIRONMENTAL
Operating temperature
0°C to +70°C
Derating
Derate from 100% at +50°C linearly to 50% at +70°C
Storage temperature
-40°C to +85°C
Relative humidity
5%–95% non-condensing
STANDARDS AND APPROVALS
C-tick
AS/NZCISPR11 Group 1, Class A


Similar Part No. - PD40-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD40-10 ETC-PD40-10 Datasheet
74Kb / 2P
DC/DC Converters
logo
Tumbler Technologies + ...
PD40-10 TRUMPOWER-PD40-10 Datasheet
224Kb / 3P
40 WATT DC TO DC CONVERTERS
PD40-10 TRUMPOWER-PD40-10 Datasheet
224Kb / 3P
40 WATT DC TO DC CONVERTERS
More results

Similar Description - PD40-10

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP40 POWER-ONE-MAP40 Datasheet
127Kb / 3P
Wide Range Input for 110/220 VAC Applications
MAP80 POWER-ONE-MAP80 Datasheet
234Kb / 4P
Wide Range Input for 110/220 VAC Applications
logo
Astec America, Inc
LPQ110 ASTEC-LPQ110 Datasheet
81Kb / 2P
110 Watts
LPS110 ASTEC-LPS110 Datasheet
203Kb / 2P
110 Watts
LPT40 ASTEC-LPT40 Datasheet
82Kb / 3P
40 Watts
LPT40-M ASTEC-LPT40-M Datasheet
81Kb / 3P
40 Watts
SA40-1313 ASTEC-SA40-1313 Datasheet
513Kb / 2P
40 Watts
logo
Advanced Power Technolo...
1517-110M ADPOW-1517-110M Datasheet
113Kb / 4P
110 Watts, 40 Volts, 200us, 10% Radar 1480 to 1650 MHz
logo
Power-One
BLP40-1005 POWER-ONE-BLP40-1005 Datasheet
118Kb / 5P
40 Watts
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
40 to 110 VDC Input
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com