Electronic Components Datasheet Search
  English  ▼

X  

SM6000 Datasheet(PDF) 1 Page - Powerbox

Part # SM6000
Description  6000 WATTS PROGRAMMABLE DC SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

SM6000 Datasheet(HTML) 1 Page - Powerbox

  SM6000 Datasheet HTML 1Page - Powerbox SM6000 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
470
SM 6000 Series
6000 W A TTS PROGRAMMABLE DC SUPPL Y
Features
• Constant voltage and constant current operation
• Parallel operation master/slave
• EMC standard EN61204-3
• CE marked
• Optional ethernet, RS232, IEEE 488 programming
• IEEE 488 programming option
• Ethernet, RS232 option
OPERATING
Efficiency
87%–91%
Switching frequency
100kHz
Thermal protection
Yes
Programming
Analogue Programming of voltage and current by
0-5V.
Programming speed
See table
Master/Slave operation
Parallel and series operation with equal current
and voltage sharing. In this way two or more SM-
units can together be used as one high power
unit. Voltage and current of the units is controlled
by the master (by potentiometers or by
programming). Series operation up to 600V
Metering
Digital meters standard
Indicators
CV/CC mode, OVP triggered LEDs
BATTERY CHARGING
The CV/CC regulated power supplies are very suitable for battery charging.
Ask for the special datasheet “BATTERY CHARGING WITH SM-series POWER
SUPPLIES”. This datasheet contains information about protective measures
against accidental battery reversing.
ENVIRONMENTAL
Operating temperature
-20°C to 50°C
Cooling
Low noise blower, fan speed adapts to
temperature of internal heatsink. (from left to
right).
STANDARDS AND APPROVALS
Safety standards
EN60950 / EN61010
EMC standards
EN61204-3, EN61000-6-2
EMI standards
EN61000-6-3 (EN55022B)
MECHANICAL
Mounting
Bench or 19" rack mounting
Specifications
INPUT
Input voltage
342-457Vac 3 phase
Frequency
48Hz–62Hz
Inrush current
20A (electronic limit)
Isolation
I/P to O/P: 3750V rms (8mm creepage),
I/P – Case: 2500V rms, O/P – Case: 600VDC
OUTPUT
Output voltage
See table.
Output voltage adjustment
0%–100%
Output current
See table.
Output current adjustment
0%–100%
Resolution
0.03% voltage and current control with 10 turn
potentiometers.
Temperature coefficient
CV: 35x10-6 /°C, CC: 60x10-6 /°C
Load regulation
0%–100% load see table
Line regulation
Line ±10% – see table
Ripple & Noise
See table.
Stability
CV: 5x10-5, CC: 10x10-5
Output impedance
(0-1kHz; 1-100kHz)
SM15-400: < 0.5m
Ω; < 2.3mΩ
SM30-200: < 1.2m
Ω; < 5mΩ
SM45-140: < 1.7m
Ω; < 10mΩ
SM60-100: < 1.5m
Ω; < 12mΩ
SM70-90: < 1.8m
Ω; < 12mΩ
SM120-50: < 11m
Ω; < 90mΩ
SM300-20: < 34m
Ω; < 330mΩ
Recovery time
(50%–100% load step): 100µS; 120µS for
SM 15-400.
Remote sense
2V max. per lead compensation.


Similar Part No. - SM6000

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SM600 MICROSEMI-SM600 Datasheet
66Kb / 4P
SWITCHING REGULATOR POWER OUTPUT STAGES
logo
SUNMATE electronic Co.,...
SM600 SUNMATE-SM600 Datasheet
514Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
SM600-110 SUNMATE-SM600-110 Datasheet
514Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
SM600-150 SUNMATE-SM600-150 Datasheet
514Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
SM600-160 SUNMATE-SM600-160 Datasheet
514Kb / 3P
POSITIVE THERMAL COEFFICIENT(PTC)
More results

Similar Description - SM6000

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
382280 EXTECH-382280 Datasheet
158Kb / 10P
Programmable DC Power Supply
logo
Powerbox
DCS8-140E POWERBOX-DCS8-140E Datasheet
133Kb / 4P
1000-3000 WATTS PROGRAMMABLE DC SUPPLY
DLM5-350E POWERBOX-DLM5-350E Datasheet
133Kb / 3P
3000-4000 WATTS PROGRAMMABLE DC SUPPLY
DLM600 POWERBOX-DLM600 Datasheet
169Kb / 3P
600 WATTS PROGRAMMABLE DC SUPPLY
ES015-10 POWERBOX-ES015-10 Datasheet
111Kb / 2P
150 WATTS PROGRAMMABLE DC SUPPLY
SM700 POWERBOX-SM700 Datasheet
150Kb / 2P
600-700 WATTS PROGRAMMABLE DC SUPPLY
SM1500 POWERBOX-SM1500 Datasheet
119Kb / 2P
1500 WATTS PROGRAMMABLE DC SUPPLY
SM3000 POWERBOX-SM3000 Datasheet
113Kb / 2P
3000 WATTS PROGRAMMABLE DC SUPPLY
logo
Emerson Network Power
UFE EMERSON-NETWORKPOWER-UFE_11 Datasheet
903Kb / 6P
UFE / UFR Series Up to 6000 Watts
logo
Good Will Instrument Co...
GPP-1326 GWINSTEK-GPP-1326 Datasheet
501Kb / 2P
MULTI-OUTPUT PROGRAMMABLE DC POWER SUPPLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com