Electronic Components Datasheet Search
  English  ▼

X  

SM6000 Datasheet(PDF) 2 Page - Powerbox

Part # SM6000
Description  6000 WATTS PROGRAMMABLE DC SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

SM6000 Datasheet(HTML) 2 Page - Powerbox

  SM6000 Datasheet HTML 1Page - Powerbox SM6000 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Your dependable power partner – www.powerbox.com.au
471
SM 6000 Series
6000 W A TTS PROGRAMMABLE DC SUPPL Y
MODEL
NUMBER
OUTPUT
VOLTAGE
(0V TO)
OUTPUT
CURRENT
(0A TO)
RIPPLE & NOISE
CV
CC
PROGRAMMING
SPEED
LOAD REG.
0%–100%
CV
CC
LINE REG.
200–264VAC
CV
CC
SM15-400
15V
400A
8mV pk-pk
300mA pk-pk
3.3mS
2.5mV
24mA
0.2mV
4mA
SM30-200
30V
200A
8mV pk-pk
60mA pk-pk
6.4mS
5mV
12mA
0.5mV
2mA
SM45-140
45V
140A
10mV pk-pk
25mA pk-pk
2.7mS
5mV
9mA
1mV
1.5mA
SM60-100
60V
100A
10mV pk-pk
10mA pk-pk
5.4mS
5mV
6mA
2mV
1mA
SM70-90
70V
90A
10mV pk-pk
10mA pk-pk
6.8mS
5mV
5mA
2mV
1mA
SM120-50
120V
50A
25mV pk-pk
10mA pk-pk
5.1mS
8mV
3mA
2mV
0.5mA
SM300-20
300V
20A
50mV pk-pk
5mA pk-pk
8.5mS
15mV
1.2mA
3mV
0.2mA
Selection Table
OPTIONS
Screwdriver adjustment - option P001
Master / slave operation
Battery charging
SM45-140: P151, SM120-50: P152, SM300-20: P153
Increased max. output voltage / current - option P069
Enforced secondary isolation 1000V - option P089
High speed programming - SM15-400: P166, SM30-200: P167, SM45-140: P168,
SM60-100: P169, SM70-90: P170, SM120-50: P171, SM300-20: P172.
Built-in ISO AMP CARD for isolated analog programming - option P154
Built-in ethernet power supply controller - option P157
Built-in RS232 power suply controller - option P155
Built-in IEEE488 power supply controller - option P156
440 and 480 Vac input - option P165
Technical Illustrations



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com