Electronic Components Datasheet Search
  English  ▼

X  

ECH8201 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ECH8201
Description  High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8201 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ECH8201 Datasheet HTML 1Page - Sanyo Semicon Device ECH8201 Datasheet HTML 2Page - Sanyo Semicon Device ECH8201 Datasheet HTML 3Page - Sanyo Semicon Device ECH8201 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ECH8201
No. A1555-1/4
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer
's
products or equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not
be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal
system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten
human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they
grant any guarantee thereof. If you should intend to use our products for applications outside the standard
applications of our customer who is considering such use and/or outside the scope of our intended standard
applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the
intended use, our customer shall be solely responsible for the use.
Applications
•
High-power IGBT/MOSFET gate drivers, DC / DC converters, lamp drivers, motor drivers.
Features
•
Adoption of FBET, MBIT process.
•
High current capacitance.
•
Low collector-to-emitter saturation voltage.
•
High speed switching.
•
High allowable power dissipation.
•
Halogen free compliance.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
100
V
Collector-to-Emitter Voltage
VCES
100
V
Collector-to-Emitter Voltage
VCEO
50
V
Emitter-to-Base Voltage
VEBO
6V
Collector Current
IC
10
A
Collector Current (Pulse)
ICP
20
A
Base Current
IB
1A
Collector Dissipation
PC
When mounted on ceramic substrate (900mm2×0.8mm)
1.6
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 to +150
°C
Marking : HA
Ordering number : ENA1555
11310EA TK IM TC-00002234
SANYO Semiconductors
DATA SHEET
ECH8201 NPNEpitaxialPlanarSiliconTransistor
High-Current Switching Applications
www.semiconductor-sanyo.com/network


Similar Part No. - ECH8201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8202 SANYO-ECH8202 Datasheet
279Kb / 4P
High-Current Switching Applications
More results

Similar Description - ECH8201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
High-Current Switching Applications
2SB1216 SANYO-2SB1216 Datasheet
126Kb / 4P
High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
High-Current Switching Applications
2SB1509 SANYO-2SB1509 Datasheet
114Kb / 3P
High-Current Switching Applications
2SC4306 SANYO-2SC4306 Datasheet
92Kb / 3P
High-Current Switching Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SB1204 KEXIN-2SB1204 Datasheet
47Kb / 2P
High-Current Switching Applications
2SB1201 KEXIN-2SB1201 Datasheet
47Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
ECH8202 SANYO-ECH8202 Datasheet
279Kb / 4P
High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
High Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com