Electronic Components Datasheet Search
  English  ▼

X  

ECH8201 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ECH8201
Description  High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8201 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ECH8201 Datasheet HTML 1Page - Sanyo Semicon Device ECH8201 Datasheet HTML 2Page - Sanyo Semicon Device ECH8201 Datasheet HTML 3Page - Sanyo Semicon Device ECH8201 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ECH8201
No. A1555-3/4
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Ta=75°C
--25°C
100
1000
3
7
7
2
5
5
7
0.01
3
25
2
0.1
7
32
5
1.0
27
35
10
25°C
VCE=2V
IT15010
7
5
23
5 7
23
5 7
0.01
1.0
23
5 7 10
0.1
100
10
3
2
5
5
7
7
3
2
VCE=10V
IT15011
0.1
23
5 7
23
5 7
23
5 7
1.0
10
2
0.01
100
7
5
3
3
2
2
10
7
5
3
2
1.0
Ta
=75
°C
25
°C
--25
°C
IT15012
IC / IB=10
0.1
23
5 7
23
5 7
23
5 7
1.0
10
2
0.01
100
7
5
3
3
2
2
10
7
5
3
2
Ta=75
°C
25
°C
--25
°C
IT15013
IC / IB=20
IT15014
VCE=2V
10
6
8
2
4
0
0
0.2
0.4
0.6
0.8
1.2
1.0
IT15008
Ta=75°C
--25°C
VCE=0.5V
IT15009
100
1000
3
7
7
2
5
5
7
0.01
3
25
2
0.1
7
32
5
1.0
27
35
10
25°C
10
6
8
2
1
4
7
9
3
5
0
0
0.8
1.6
1.8
2.0
0.4
1.2
0.6
1.4
0.2
1.0
IB=0mA
IT15007
5mA
10mA
80mA
15mA
20mA
25mA
30mA
35mA
40mA
70mA
50mA
45mA
60mA
0.1
2 3
57
2 3
57
2 3
57
1.0
10
2
0.01
100
7
5
3
3
2
2
10
7
Ta=75
°C
25
°C
--25
°C
IC / IB=50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com